Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1391 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1391
Description  RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1391 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1391 Datasheet HTML 1Page - STMicroelectronics SD1391 Datasheet HTML 2Page - STMicroelectronics SD1391 Datasheet HTML 3Page - STMicroelectronics SD1391 Datasheet HTML 4Page - STMicroelectronics SD1391 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYP ICAL C OLLE C TO R LOAD
IMP E DANCE
TYP ICAL INP UT
IMP E DANC E
ZIN
ZCL
C1
:
2200pf Chip Capacitor
C2
:
22pf Chip Capacitor + 2-10pf Trim Capacitor
C3
:
2 x 33pf + 2-22pf Trim Capacitor
C5
:
8.2pf + 2-10pf Trim Capacitor
C6
:
330pf Chip Capac itor
C7,C8
:1nF + 10nF + 100nF + 10mF
L1
:
50 ohms microstrip line, L = 6mm
L2
:
50 ohms microstrip line, L = 19mm
L3
:
50 ohms microstrip line, L = 25mm
L4
:
50 ohms microstrip line, L = 14mm
L5
:
50 ohms microstrip line, L = 20mm
L6
:
50 ohms microstrip line, L = 7.5mm
L7
:
50 ohms microstrip line, L = 8.5mm
L8,L9 :
5 Turns, ID = 33mm, 0.5mm Wire diameter
Board Material: Teflon H = 30mils, Er = 2.55
IMPEDANCE DATA
FREQ.
ZIN(
Ω)ZCL(Ω)
420 MHz
4.0 + j 2.2
7.2 + j 1.0
450 MHz
5.4 + j 3.9
6.8 + j 3.0
470 MHz
4.9 + j 5.7
6.6 + j 4.3
TEST CIRCUIT
SD1391
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com