Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-A-Q7WN Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # LE-A-Q7WN
Description  OSRAM OSTAR™ Projection Compact
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-A-Q7WN Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button LE-A-Q7WN Datasheet HTML 16Page - ams-OSRAM AG LE-A-Q7WN Datasheet HTML 17Page - ams-OSRAM AG LE-A-Q7WN Datasheet HTML 18Page - ams-OSRAM AG LE-A-Q7WN Datasheet HTML 19Page - ams-OSRAM AG LE-A-Q7WN Datasheet HTML 20Page - ams-OSRAM AG LE-A-Q7WN Datasheet HTML 21Page - ams-OSRAM AG LE-A-Q7WN Datasheet HTML 22Page - ams-OSRAM AG LE-A-Q7WN Datasheet HTML 23Page - ams-OSRAM AG LE-A-Q7WN Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
LE A Q7WN
DATASHEET
DATASHEET
20 | Version 1.0 | 2025-06-25
Chip Technology:
N:
high (1mm²)
P:
high (2mm²)
R:
high (2mm²) rotated
Encapsulant Type / Lens Properties
A:
planar encapsulation TiOx
W:
Window on top
Wavelength
Emission Color
Color coordinates
according
(λ
dom typ.)
CIE 1931/Emission color:
R:
625 nm
red
UW: ultra white
A:
617 nm
amber
T:
528 nm
true green
B:
470 nm
blue
RTB:
amber/true green/blue
BR:
blue/red
CG:
color on demand green
LE:
Light
emitting
diode
Package Type
P: High Power (Kolossos)
Chip on MCPCB (2mm² dies)
Q: OSTAR Compact
U: Headlamp Pro
Lead / Package Properties
1:
2x1
2:
2x2
3:
2x3
6:
2 Chip Version
7:
2 Chip Version
8:
1 Chip Version
9:
1 Chip Version
Type Designation System
LE
A
Q
7
W
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com