Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-B-Q7WN Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LE-B-Q7WN
Description  OSRAM OSTAR™ Projection Compact
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-B-Q7WN Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LE-B-Q7WN Datasheet HTML 2Page - ams-OSRAM AG LE-B-Q7WN Datasheet HTML 3Page - ams-OSRAM AG LE-B-Q7WN Datasheet HTML 4Page - ams-OSRAM AG LE-B-Q7WN Datasheet HTML 5Page - ams-OSRAM AG LE-B-Q7WN Datasheet HTML 6Page - ams-OSRAM AG LE-B-Q7WN Datasheet HTML 7Page - ams-OSRAM AG LE-B-Q7WN Datasheet HTML 8Page - ams-OSRAM AG LE-B-Q7WN Datasheet HTML 9Page - ams-OSRAM AG LE-B-Q7WN Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LE B Q7WN
DATASHEET
DATASHEET
6 | Version 1.0 | 2025-06-25
Brightness Groups
Group
Total radiant flux 1)
Total radiant flux 1)
I
F = 1000 mA
I
F = 1000 mA
min.
max.
Φ
e
Φ
e
7B
2240 mW
2500 mW
8B
2500 mW
2800 mW
5C
2800 mW
3150 mW
6C
3150 mW
3550 mW
7C
3550 mW
4000 mW
Forward Voltage Groups
Group
Forward Voltage 5)
Forward Voltage 5)
I
F = 1000 mA
I
F = 1000 mA
min.
max.
V
F
V
F
0
2.75 V
3.50 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
2
445 nm
449 nm
3
449 nm
453 nm
4
453 nm
457 nm
5
457 nm
461 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com