Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-B-Q7WP Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # LE-B-Q7WP
Description  OSRAM OSTAR® Projection Compact
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-B-Q7WP Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button LE-B-Q7WP Datasheet HTML 14Page - ams-OSRAM AG LE-B-Q7WP Datasheet HTML 15Page - ams-OSRAM AG LE-B-Q7WP Datasheet HTML 16Page - ams-OSRAM AG LE-B-Q7WP Datasheet HTML 17Page - ams-OSRAM AG LE-B-Q7WP Datasheet HTML 18Page - ams-OSRAM AG LE-B-Q7WP Datasheet HTML 19Page - ams-OSRAM AG LE-B-Q7WP Datasheet HTML 20Page - ams-OSRAM AG LE-B-Q7WP Datasheet HTML 21Page - ams-OSRAM AG LE-B-Q7WP Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
LE B Q7WP
DATASHEET
DATASHEET
18 | Version 1.13 | 2022-03-31
C
Chhiipp TTeecchhnnoollooggyy::
M
M::
low (750µm)
N
N::
standard (1mm²)
PP::
high (2mm²)
55::
5 chip / row
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
AA::
planar encapsulation TiOx
W
W::
Window on top
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
C
Coolloorr ccoooorrddiinnaatteess aaccccoorrddiinngg
((λλddoomm ttyypp..))
C
CIIEE 11993311//EEm
miissssiioonn ccoolloorr::
R
R::
625 nm
red
U
UW
W:: ultra white
AA::
617 nm
amber
TT::
528 nm
true green
BB::
470 nm
blue
R
RTTBB::
amber/true green/blue
BBR
R::
blue/red
C
CG
G::
color on demand green
LLEE::
Light
emitting
diode
PPaacckkaaggee TTyyppee
PP:: High Power (Kolossos)
Chip on MCPCB (2mm² dies)
Q
Q:: OSTAR Compact
U
U:: Headlamp Pro
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
11::
2x1
22::
2x2
33::
2x3
66::
2 Chip Version
77::
2 Chip Version
88::
1 Chip Version
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LLEE
C
CG
G
Q
Q
77
W
W
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com