Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215JIT Datasheet(PDF) 46 Page - STMicroelectronics

Part # PSD934215JIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215JIT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button PSD934215JIT Datasheet HTML 42Page - STMicroelectronics PSD934215JIT Datasheet HTML 43Page - STMicroelectronics PSD934215JIT Datasheet HTML 44Page - STMicroelectronics PSD934215JIT Datasheet HTML 45Page - STMicroelectronics PSD934215JIT Datasheet HTML 46Page - STMicroelectronics PSD934215JIT Datasheet HTML 47Page - STMicroelectronics PSD934215JIT Datasheet HTML 48Page - STMicroelectronics PSD934215JIT Datasheet HTML 49Page - STMicroelectronics PSD934215JIT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
PSD834F2V
46/89
Table 18. Port Operating Modes
Note: 1. Can be multiplexed with other I/O functions.
Table 19. Port Operating Mode Settings
Note: 1. N/A = Not Applicable
2. The direction of the Port A,B,C, and D pins are controlled by the Direction Register ORed with the individual output enable product
term (.oe) from the CPLD AND Array.
3. Any of these three methods enables the JTAG pins on Port C.
Port Mode
Port A
Port B
Port C
Port D
MCU I/O
Yes
Yes
Yes
Yes
PLD I/O
McellAB Outputs
McellBC Outputs
Additional Ext. CS Outputs
PLD Inputs
Yes
No
No
Yes
Yes
Yes
No
Yes
No
Yes
No
Yes
No
No
Yes
Yes
Address Out
Yes (A7 – 0)
Yes (A7 – 0)
or (A15 – 8)
No
No
Address In
Yes
Yes
Yes
Yes
Data Port
Yes (D7 – 0)
No
No
No
Peripheral I/O
Yes
No
No
No
JTAG ISP
No
No
Yes1
No
Mode
Defined in
PSDabel
Defined in PSD
Configuration
Control
Register
Setting
Direction
Register
Setting
VM
Register
Setting
JTAG Enable
MCU I/O
Declare pins only
N/A1
0
1 = output,
0 = input
(Note 2)
N/A
N/A
PLD I/O
Logic equations
N/A
N/A
(Note 2)
N/A
N/A
Data Port (Port A)
N/A
Specify bus type
N/A
N/A
N/A
N/A
Address Out
(Port A,B)
Declare pins only
N/A
1
1 (Note 2)
N/A
N/A
Address In
(Port A,B,C,D)
Logic for equation
Input Macrocells
N/A
N/A
N/A
N/A
N/A
Peripheral I/O
(Port A)
Logic equations
(PSEL0 & 1)
N/A
N/A
N/A
PIO bit = 1
N/A
JTAG ISP (Note 3)
JTAGSEL
JTAG
Configuration
N/A
N/A
N/A
JTAG_Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com