Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1398 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1398
Description  RF & MICROWAVE TRANSISTORS 850-960 MHz APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1398 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1398 Datasheet HTML 1Page - STMicroelectronics SD1398 Datasheet HTML 2Page - STMicroelectronics SD1398 Datasheet HTML 3Page - STMicroelectronics SD1398 Datasheet HTML 4Page - STMicroelectronics SD1398 Datasheet HTML 5Page - STMicroelectronics SD1398 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
C1, C2
C7, C11
: 240pF ATC Size A
C3
: 0.1MFD 50Vdc, CK05 Type
C4, C5
: 1500pF Feedthru #9900-381-6004 Murata/Erie
C6, C10
: 0.8 - 8.0pF Johanson Gigatrim
C8
: 0.01 MFD 100Vdc CK05 Type
C9
: 10MFD Electrolytic, 63Vdc
D1
: IN5661
FB-1,
FB-2
: 2.5 Turns, #22 AWG, Ferrite Bead
FB-3
: Ferrite Bead L1 Cold End
L1
: 3 Turns, #22 AWG, 0.125” I.D.
R1
: 150
in 5% Carbon Comp
R2
: 51
, Chip Resistor
Board
Material:
Er
= 10.2, Height 0.05”, Teflon Glass
TEST CIRCUIT
SD1398
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com