Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FTH9801F032 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3FTH9801F032
Description  through-hole or SMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3FTH9801F032 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3FTH9801F032 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3FTH9801F032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3FTH9801F032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3FTH9801F032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3FTH9801F032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3FTH9801F032 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk
How to order
Dimensions (w/LED)
Dimensions (through-hole)
Switch
Cap
Mounting
T through-hole
S surface mount
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
L6 low temp.
H9 high temp.
Standard versions:
3FTL6
3FTH9
3FSH9
3FSH9R
3F
1
+P
Switch
Ordering example: 3 FTL680 + 1Q091
1Q
Mounting
T through-hole
00 blue
03 grey
08 red
09 black
Lens
1 transparent
L6 low temp.
H9 high temp.
Standard versions:
3F
T
1
+
1R
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp:
high temp:
3F + 1P/1Q/1R
Min.10.16
Max12.5
12.5
6.5
10.1
Ø = 0.9
2.54
10.16
PCB layout
Min. 10.16
Max 12.5
6.5
10.1
Ø = 0.9
2.54
10.16
PCB layout
(top view)
Dimensions (SMD)
14.0
12.5
7.6
6.5
10.1
2.5
12.5
PCB layout
12.5
3FTL600
3FTL620
3FTL640
3FTL680
3FTL62040
3FTL68020
3FTL68040
LED
00 blue
20 green
40 yellow
80 red
2040 green/yellow
8020 red/green
8040 red/yellow
7.6
± 0.5
7.6
± 0.5
0.3
0.8
0.8
0.3
0.8
-40/+115ºC
-40/+160ºC
12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com