Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4411 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4411
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4411 Datasheet HTML 8Page - Linear Technology LTC4411 Datasheet HTML 9Page - Linear Technology LTC4411 Datasheet HTML 10Page - Linear Technology LTC4411 Datasheet HTML 11Page - Linear Technology LTC4411 Datasheet HTML 12Page - Linear Technology LTC4411 Datasheet HTML 13Page - Linear Technology LTC4411 Datasheet HTML 14Page - Linear Technology LTC4411 Datasheet HTML 15Page - Linear Technology LTC4411 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2951
13
2951f
Power Path Switching
The ⎯E⎯N open drain output of the LTC2951-2 is designed to
switch on/off an external power PFET. This allows a user
to connect/disconnect a power supply (or battery) to its
load by toggling the ⎯P⎯B pin. Figure 7 shows the LTC2951-2
controlling a two cell Li-Ion battery application. The ⎯I⎯N⎯T
and ⎯K⎯I⎯L⎯L pins are connected to the output of the PFET
through a resistor divider. The ⎯K⎯I⎯L⎯L pin serves as a voltage
monitor. When VOUT drops below 6V, the ⎯E⎯N pin is open
circuited 30µs later.
VOUT
R1
909k
1%
R4
100k
1%
C3*
0.1
µF
2951 F07
C4
0.1
µF
CERAMIC
*OPTIONAL
OPEN DRAIN OUTPUT
VTH = 0.6V INPUT
R5
100K
M1
+
4.2V
SINGLE CELL
Li-Ion BATTERY
+
4.2V
SINGLE CELL
Li-Ion BATTERY
OPTIONAL GLITCH
FILTER CAPACITOR
VOUT,TRIP POINT = 6V
PB
EN
INT
KILL
LTC2951-2
GND
OFFT
VIN
CKILLT*
0.033
µF
COFFT*
0.033
µF
KILLT
PB
VIN
LTC2951-1
GND
R6
5k
2951 F08
TRACE
CAPACITANCE
PARASITICS
C5
0.1
µF
DETAILS OMITTED
FOR CLARITY
TRACE
INDUCTANCE
NOISE
EN
INT
KILL
OFFT
VIN
KILLT
Figure 7. Power Path Control with 6V Under Voltage Detect
Figure 8. Filtering for Noisy ⎯P⎯B Traces
⎯P⎯B Pin in a Noisy Environment
The rugged ⎯P⎯B pin is designed to operate in noisy envi-
ronments. Transients below ground (> –6V) and above VIN
(<33V) will not damage the rugged ⎯P⎯B pin. Additionally,
the ⎯P⎯B pin can withstand ESD HBM strikes up to ±10kV.
In order to keep external noise from coupling inside the
LTC2951, place an R-C network close to the ⎯P⎯B pin. A
5k resistor and a 0.1µF capacitor should suffice for most
noisy applications (see Figure 8).
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com