Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS285 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS285
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS285 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS285 Datasheet HTML 1Page - Vishay Siliconix BAS285 Datasheet HTML 2Page - Vishay Siliconix BAS285 Datasheet HTML 3Page - Vishay Siliconix BAS285 Datasheet HTML 4Page - Vishay Siliconix BAS285 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS285
Document Number 85501
Rev. 1.7, 17-Mar-06
Vishay Semiconductors
www.vishay.com
1
9612009
Small Signal Schottky Diode
Features
• Integrated protection ring against static
discharge
• Very low forward voltage
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Applications where a very low forward voltage is
required
Mechanical Data
Case: QuadroMELF Glass case SOD80
Weight: approx. 34 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BAS285
VR = 30 V
BAS285-GS18 or BAS285-GS08
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
30
V
Peak forward surge current
tp = 10 ms
IFSM
5A
Repetitive peak forward current
tp ≤ 1 s
IFRM
300
mA
Forward current
IF
200
mA
Average forward current
IFAV
200
mA
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
e2


Similar Part No. - BAS285

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS285 VISHAY-BAS285 Datasheet
52Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS285 VISHAY-BAS285 Datasheet
172Kb / 5P
Small Signal Schottky Diode
17-Mar-06
BAS285 VISHAY-BAS285 Datasheet
228Kb / 5P
Small Signal Schottky Diode
23-Jul-10
BAS285 VISHAY-BAS285 Datasheet
115Kb / 4P
Small Signal Schottky Diode
16-Nov-2021
BAS285-GS08 VISHAY-BAS285-GS08 Datasheet
172Kb / 5P
Small Signal Schottky Diode
17-Mar-06
More results

Similar Description - BAS285

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com