Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405C22JM Datasheet(PDF) 2 Page - CTS Corporation

Part # 405C22JM
Description  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

405C22JM Datasheet(HTML) 2 Page - CTS Corporation

  405C22JM Datasheet HTML 1Page - CTS Corporation 405C22JM Datasheet HTML 2Page - CTS Corporation 405C22JM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0253-0
Page 2 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 405
5.0x3.2mm Low Cost
Surface Mount Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUE
Operating Mode
Fundamental
Crystal Cut
AT-Cut
Frequency Range
12.0 MHz to 50.0 MHz
± 30 ppm Standard
(± 10 ppm and ± 20 ppm Available)
Frequency Stability Tolerance
± 50 ppm Standard
(Operating Temperature Range, Referenced to 25°C Reading)
(± 10 ppm, ± 20 ppm, ± 30 ppm and ± 40 ppm Available)
-20°C to +70°C Standard
(-40°C to +85°C Available)
Storage Temperature Range
-55°C to +125°C
Equivalent Series Resistance
See ESR Table
Load Capacitance or Resonance Mode
See Ordering Information
7.0 pF Maximum
(3.0 pF Typical)
Drive Level
25 µW Typical, 100 µW Maximum
Reflow Condition, per JEDEC J-STD-020
+255°C ± 5°C, 10 Seconds Maximum
Frequency Tolerance @ 25°C
Operating Temperature Range
Shunt Capacitance (C0)
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE
MODE of OSCILLATION ESR Maximum
12.00 MHz - 50.00 MHz
Fundamental
50 Ohms
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
MARKING INFORMATION
#1
#4
#3
#2
Inch
( MM )
Key:
0.126 ±0.006
( 3.20 ±0.15 )
0.041
0.197 ±0.008
( 5.00 ±0.2 )
MAX
( 1.05 )
( 2.60 )
0.102
0.047
( 1.2 )
0.035
( 0.9 )
3
4
12
Top View
Bottom View
#2
0.055
( 1.40 )
Notes:
1. Termination pads (e4), barrier-plating is nickel (Ni) with gold (Au) flash plate.
2. Terminations #2, #4 and the metal lid are connected internally.
End user may connect these pins to circuit ground.
1. XX.XXX – Frequency marked with 3 significant
digits after the decimal.
2. C – CTS and Pin 1 identifier.
3. ** - Manufacturing Site Code.
4. YWW – Date Code, Y – Last Digit of Year,
WW – Week.
5. Complete CTS part number, frequency value and
date code information must appear on reel and
box labels.
XX.XXX
C**YWW
SUGGESTED SOLDER PAD GEOMETRY
0.146 [3.70]
0.087 [2.20]
0.047 [1.20]
Key:
[mm]
Inch
0.035 [0.90]
12
3
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com