Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1405 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1405
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1405 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1405 Datasheet HTML 1Page - STMicroelectronics SD1405 Datasheet HTML 2Page - STMicroelectronics SD1405 Datasheet HTML 3Page - STMicroelectronics SD1405 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1
: 9 - 180 pF, Arco 463
C2,C4
: 5 - 380pF, Arco 465
C3,C5
: 200pF, Unelco
C6
: 110 - 580pF, Arco 467
C7,C8
: 0.1
µF Ceramic Disk
C9,C10
: 1000pF, Unelco
C11
: 10
µF, Electrolytic, 35Vdc
C12
: 1000
µF, Electrolytic, 50Vdc
L1,L3
: 2 1/2 Turns, #14 AWG, 1/4” I.D. Loose Wound
L2
: 16 Turns, #16 AWG, Enameled Wire On
Micrometals Torroid #T-94
L4
: 3 1/2 Turns, #16 AWG, Enameled Wire, 1/4” I.D.
L5
: 14 Turns, #16 AWG, Enameled Wire, 1/4” I.D.
R1,R2,R3 : 1.5 Ohm, 1 Watt Carbon
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
30 MHz
0.7 + j 0.75
1.2 + j 1.0
SD1405
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com