Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ODP-34-PD-622-FCU-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ODP-34-PD-622-FCU-R
Description  GPON High Power Diplexer PRELIMINARY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ODP-34-PD-622-FCU-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ODP-34-PD-622-FCU-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ODP-34-PD-622-FCU-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ODP-34-PD-622-FCU-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ODP-34-PD-622-FCU-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ODP-34-PE
GPON High Power Diplexer
PRELIMINARY
Parameter
1550 Enhancement Band to 1490 RX isolationa
1310 TX to 1490 RX crosstalk
Back Reflection @ 1310 nm
Back Reflection @ 1550 nm
Back Reflection @ 1490 nm
Min
29
-
-
-
-
Typical
-
-
-
-
-
Max
-
-47
-6
-20
-20
Units
dB
dB
dB
dB
dB
Module Requirements
Parameter
Wavelength
Spectral Width (RMS)
1/2 Ppeak set point @ 25ºC (GPON)
1/2 Ppeak over temp and EOL(GPON)
Bias Current
Bias Current@EOL
Modulation Currentc
PD Monitor Current
Forward Voltage
Rise/Fall Timeb
PD Monitor Dark Current
PD Monitor Capacitance
Min
1260
-
-
-1
6
-
10
100
-
-
-
-
Typical
-
2
2.5
-
-
-
-
-
1.2
-
-
10
Max
1360
3
-
4
70
100
60
1000
1.8
0.5
1
20
Units
nm
nm
dBm
dBm
mA
mA
mA
µA
Volts
ns
µA
pF
Features
• Low cost 1310 FP TX design, 1490 nm receive
• High Isolation
• -40 to 85˚C operation
• Multiple TIA versions for 155, 622, and 1250 Mbps applications
• Compliant to ITU-T G.GPON class c at 155Mbps and 622Mbps Tx
• Compliant to ITU-T G.GPON class B at 1250 Mbps
a With Enhancement Band block from 1535nm to 1565nm
b 10% to 90%
c Greater modulation current can be used for higher output powers
Symbol
λ
∆λ
Pset
Pave
Ibias
Ibias,EOL
Imod
IPD,mon
Vf
tr/tf
IPD, dark
CPD
Parameter
Operating Temperature(case)
Storage Temperature
Min
-40
-40
Typical
-
-
Max
85
85
Units
ºC
ºC
Absolute Maximum Ratings
Transmitter Requirements


Similar Part No. - ODP-34-PD-622-FCU-R

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ODP-35-DP-HD-SSCA SOURCE-ODP-35-DP-HD-SSCA Datasheet
125Kb / 4P
1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-DP-HD-SSCA-G5 SOURCE-ODP-35-DP-HD-SSCA-G5 Datasheet
125Kb / 4P
1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-DP-HD-SSCA-GR SOURCE-ODP-35-DP-HD-SSCA-GR Datasheet
125Kb / 4P
1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-DP-HDI-SSCA SOURCE-ODP-35-DP-HDI-SSCA Datasheet
125Kb / 4P
1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
ODP-35-DP-HDI-SSCA-G5 SOURCE-ODP-35-DP-HDI-SSCA-G5 Datasheet
125Kb / 4P
1310nm Emitting (DFB), 1550nm Receiving (Analog) , Bi-directional Diplexer Optical Module
More results

Similar Description - ODP-34-PD-622-FCU-R

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3157 AMCC-CS3157 Datasheet
38Kb / 2P
GPON Transceiver With CDR
logo
List of Unclassifed Man...
ODP-43-PE ETC2-ODP-43-PE Datasheet
809Kb / 4P
FSAN High Power Diplexer
logo
Source Photonics, Inc.
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
SFF GPON ONT Diplexer
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
GPON ONT Triplexer
logo
Finisar Corporation.
FTGN2117P2XXN FINISAR-FTGN2117P2XXN Datasheet
225Kb / 8P
GPON Stick (GPON SFP ONU)
logo
Mini-Circuits
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
Diplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com