Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSG91612 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91612
Description  Type A Plug to Micro Type B Plug Lead, USB 3.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91612 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91612 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
11/10/22
Type A Plug to Micro Type B Plug
Lead, USB 3.0
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Part Number Table
Description
Part Number
Lead, USB 3.0 Type A Plug to Micro Type B Plug, Black, 0.5m
PSG91612
Specifications
Connector to Connector
: Type A Plug to Micro Type B Plug
USB Standard
: USB 3.0
Contact Resistance
: 2Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min.
Cable Length
: 0.5m (19.7ft)
Jacket Colour
: Black
Diagram
No
Description
Qty. Unit
1
[28AWG×(7/0.127TC)+EAM]×2P+[28AWG×(7/0.127TC)+A]×1P+28AWG(7/0.1
27TC)×2C+AEB(16/5/0.12AL 65%) OD:5.5mm Black PVC Mark E342987 AWM
style 2725 80°C 30V VW-1; Super High speed USB Revision 3.0
-
m
2
USB 3.0 A (M) 9P Connector
1
PC
3
USB 3.0 A (M) Tin plate
4
USB 3.0 A (M) Tin plate
5
Micro USB 3.0 BM Tee Connector
6
45P Black PVC
18
g
7
USB 3.0 A (M) Tee Connector
1
PC
8
Micro USB 3.0 BM Connector
9
USB 3.0 Micro BM Tin plate
USB 3.0 Micro BM Tin plate
10
PE Low density
3
g
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - PSG91612

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91618 PROSIGNAL-PSG91618 Datasheet
83Kb / 1P
USB A Male - Right Angle Mini USB B 5P Male
2019-9-24
PSG91619 PROSIGNAL-PSG91619 Datasheet
83Kb / 1P
USB A Male - Right Angle Mini USB B 5P Male
2019-9-24
More results

Similar Description - PSG91612

ManufacturerPart #DatasheetDescription
logo
FCI connector
10104109 FCI-CONNECTOR-10104109 Datasheet
174Kb / 1P
MICRO-USB B-TYPE PLUG
logo
Amphenol Corporation
GSB327133WEU AMPHENOL-GSB327133WEU Datasheet
208Kb / 2P
USB 3.0 B TYPE PLUG, CABLE MOUNT
logo
Wurth Elektronik GmbH &...
692904100000 WURTH-692904100000 Datasheet
386Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
logo
CONEC Elektronische Bau...
17-250031 CONEC-17-250031 Datasheet
292Kb / 1P
USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
logo
Tyco Electronics
1939054 MACOM-1939054 Datasheet
212Kb / 3P
MICRO USB I/O PLUG TYPE B KIT
logo
Adam Technologies, Inc.
MCR-B-MPLUG-01 ADAM-TECH-MCR-B-MPLUG-01 Datasheet
82Kb / 1P
MICRO USB 3.0 B TYPE
MCR-B-MPLUG-02 ADAM-TECH-MCR-B-MPLUG-02 Datasheet
82Kb / 1P
MICRO USB 3.0 B TYPE
MCR-B-MPLUG-03 ADAM-TECH-MCR-B-MPLUG-03 Datasheet
96Kb / 1P
MICRO USB 3.0 B TYPE
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
E8199-070-01 PULSE-E8199-070-01 Datasheet
109Kb / 1P
USB 3.0 B TYPE PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com