Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB-416 Datasheet(PDF) 2 Page - Pro-Signal

Part # RB-416
Description  SATA Power Lead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

RB-416 Datasheet(HTML) 2 Page - Pro-Signal

  RB-416 Datasheet HTML 1Page - Pro-Signal RB-416 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Sri
04/07/09
04/07/09
17/07/09
Veena
Farnell
RELEASED
RB-416
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2009.
TOLERANCES:
DRAWN BY:
Sri
Veena
Farnell
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
SATA Power Lead
04/07/09
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
2
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
04/07/09
A
DATE:
17/07/09
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
1019948-TDS_DWG
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Item
Description
Part Number
1
Serial ATA Connector, Female 7 Pin, Black Plastic
RB-416
2
Serial ATA Connector, Female 15 Pin, Black Plastic
3
Terminal: CKM5082-T
Housing: CKM5082-4P, Pitch 5.08mm
4
Serial ATA Connector, Female 7 Pin, Black Plastic
5
UL1061 18AWG Insulator Wire, Length 140mm, Drawing No. EH001801C-014
6
UL2725 Serial ATA External Cable, 26AWG (26AWG+2C+D/W x 3+AL/MY) x 2C,
Outer Diameter 2.2 x 7.6mm, Jacket Red
7
Moulded PE Color, Transparent
Moulded PVC Black
8
Moulded PE Color, Transparent
Moulded PVC Black
Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com