Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP003 Datasheet(PDF) 1 Page - Pro-Signal

Part # RP003
Description  Convertor Video to VGA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

RP003 Datasheet(HTML) 1 Page - Pro-Signal

  RP003 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
30/05/12
Convertor
Video to VGA
Features:
•  Special designed for computer VGA monitor, LCD color monitor
•   Dual output : DB15 × 1 for VGA monitor and BNC × 1 for TV 
monitor
•  Support NTSC, PAL video system
•  Input video system 50 to 60Hz frame rate detection (NTSC/PAL)
•   The deinterlaced and scan rate conversion output  
mode : 800 × 600, 1024 × 768, up to 1280 × 1024 @ 60Hz
•  Frequency output : 60Hz, 75Hz, 85Hz
•   On screen display function : Contrast, Brightness, Colour, Tint, 
Features, Resolution
•  Built in ESD protection
•  Built in video auto gain control for good quality picture
Specifications:
Input Signal 
: BNC, 75Ω, 0.7 Vp-p
Output Signal 
: VGA  : 0.7 Vp-p RGB, 15 pin D female connector
 
  BNC, 75Ω, 0.7 Vp-p
Power Consumption 
: 1200mA (Max.)
Power Supply 
: DC5V 2Amp Regulated Power Supply
Temperature 
: Operation  : 0°C to 55°C
 
  Storage 
: -20°C to 85°C
 
  Humidity  : up to 95%
Dimension (W × H × D) 
: 140mm × 112mm × 32mm
Weight 
: 360g
Part Number Table
Description
Part Number
Convertor, Video to VGA
RP003
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted 
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any 
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any  
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the 
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. 
pro - SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - RP003

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RP0035 SSDI-RP0035 Datasheet
245Kb / 2P
PIN DIODE SERIES
RP0035 SSDI-RP0035_15 Datasheet
245Kb / 2P
RF POWER SWITCH AND ATENUATOR
More results

Similar Description - RP003

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6122 AXIOMTEK-P6122_16 Datasheet
361Kb / 2P
Supports multi-signal inputs: VGA, S-video, Video and DVI-D
P6153 AXIOMTEK-P6153_16 Datasheet
322Kb / 2P
Supports multi-signal inputs: VGA, S-video, Video and DVI
logo
IOGEAR
GUC3020DW6 IOGEAR-GUC3020DW6 Datasheet
168Kb / 3P
USB 3.0 to DVI/HDMI/VGA External Video Card
GVS62 IOGEAR-GVS62 Datasheet
142Kb / 2P
2-Port VGA Video Splitter
GVS72 IOGEAR-GVS72 Datasheet
129Kb / 2P
2-Port VGA Video Splitter
GVS74 IOGEAR-GVS74 Datasheet
133Kb / 3P
4-Port VGA Video Splitter
GVS78 IOGEAR-GVS78 Datasheet
136Kb / 2P
8-Port VGA Video Splitter
logo
Festo Corporation.
549292 FESTO-549292 Datasheet
77Kb / 1P
Signal convertor
4/20/22
558387 FESTO-558387 Datasheet
76Kb / 1P
Signal convertor
4/20/22
8071781 FESTO-8071781 Datasheet
92Kb / 2P
Signal convertor
4/20/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com