Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP030 Datasheet(PDF) 1 Page - Pro-Signal

Part # RP030
Description  High Speed HDMI to HDMI 3M Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

RP030 Datasheet(HTML) 1 Page - Pro-Signal

  RP030 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
07/01/14
High Speed HDMI to HDMI
3M Lead
Specifications :
Material
HDMI Cable
: (7/0.1BC × 1P + AM) × 4 Pcs + 7/0.1CCS × 6C + 7/0.
12BC + AM + Black PVC Jacket
OD
: 5.5 ±0.2mm
Marking
: AWM Style 202076 +80°C 30V
Standard HDMI Cable
HDMI 19 Pin Type A Male : Black Insulation, Gold Plated Contacts,
Nickel Plated Shell
All Hood
: Molded Black PVC
Electrical
Conductor Resistance
: 15Ω Max.
Insulation Resistance
: 10MΩ Min.
HDTV-DVD Test
: 1080P
100% open and short test
Packaging
: A PC/PE-Bag
3,000mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Lead, HDMI-HDMI, High Speed, 3m
RP030


Similar Part No. - RP030

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
RP0302BA-1000FN-91 BARRY-RP0302BA-1000FN-91 Datasheet
171Kb / 1P
Alumina
02/26/08
RP0302BA-1000GN-91 BARRY-RP0302BA-1000GN-91 Datasheet
171Kb / 1P
Alumina
02/26/08
RP0302BA-1000JN-91 BARRY-RP0302BA-1000JN-91 Datasheet
171Kb / 1P
Alumina
02/26/08
RP0302BA-1000KN-91 BARRY-RP0302BA-1000KN-91 Datasheet
171Kb / 1P
Alumina
02/26/08
RP0302BA-1000LN-91 BARRY-RP0302BA-1000LN-91 Datasheet
171Kb / 1P
Alumina
02/26/08
More results

Similar Description - RP030

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
logo
Molex Electronics Ltd.
687860007 MOLEX2-687860007 Datasheet
152Kb / 2P
MICRO HDMI TO HDMI A RECP ADAPTER
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Molex Electronics Ltd.
0687860002 MOLEX1-0687860002_18 Datasheet
32Kb / 1P
Micro HDMI-to-HDMI Cable Assembly, CAT 2, 34 AWG, 1.50m, Lead-Free
0687860003 MOLEX1-0687860003_18 Datasheet
33Kb / 1P
Micro HDMI-to-HDMI Cable Assembly, CAT 2, 32 AWG, 2.0m, Lead-Free
0687860004 MOLEX1-0687860004_18 Datasheet
33Kb / 1P
Micro HDMI-to-HDMI Cable Assembly, CAT 2, 34 AWG, 0.10m, Lead-Free
0687860001 MOLEX1-0687860001_18 Datasheet
33Kb / 1P
Micro HDMI-to-HDMI Cable Assembly, CAT 2, 34 AWG, 1.0m, Lead-Free
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com