Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RW1-021 Datasheet(PDF) 1 Page - Pro-Signal

Part # RW1-021
Description  BNC Socket To BNC Socket Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

RW1-021 Datasheet(HTML) 1 Page - Pro-Signal

  RW1-021 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
23/05/22
BNC Socket To BNC Socket Adapter
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Adapter, BNC Socket To BNC Socket, 75Ω
RW1-021
Specifications
Convert From Coax Type : BNC
Convert From Gender
: Receptacle
Convert To Coax Type
: BNC
Convert To Gender
: Receptacle
Adapter Body Style
: Straight Adapter
Impedance
: 75Ω
Item
Part Name
Material
1
Shell
Brass / Nickel
2
Insulator
Delrin
3
Pin
Brass Gold
Diagram


Similar Part No. - RW1-021

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
RW1-022 PROSIGNAL-RW1-022 Datasheet
231Kb / 1P
BNC Plug to 2x BNC Sockets Tee Adapter
V1.0 23/05/22
More results

Similar Description - RW1-021

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9000 PASTERNACK-PE9000 Datasheet
246Kb / 3P
BNC Male to BNC Male Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
PE9269 PASTERNACK-PE9269 Datasheet
245Kb / 2P
BNC Male to BNC Female Adapter
PE9084 PASTERNACK-PE9084 Datasheet
245Kb / 3P
BNC Female to BNC Female Adapter
logo
Winchester Electronics ...
KH-99-04 WINCHESTER-KH-99-04 Datasheet
32Kb / 1P
HN TO BNC ADAPTER
logo
Pasternack Enterprises,...
PE91104 PASTERNACK-PE91104 Datasheet
251Kb / 3P
BNC Male to BNC Triax Female Adapter
PE9378 PASTERNACK-PE9378 Datasheet
356Kb / 4P
BNC Twinax Jack to BNC Twinax Jack Adapter
logo
Neutrik AG
NA2BBNC-D4B NEUTRIK-NA2BBNC-D4B Datasheet
53Kb / 2P
BNC socket - RCA / phono socket, yellow coded
NA2BBNC-D9B NEUTRIK-NA2BBNC-D9B Datasheet
56Kb / 2P
BNC socket - RCA / phono socket, white coded
logo
Linx Technologies
ADP-SMAF-BNCM LINX-ADP-SMAF-BNCM Datasheet
380Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO BNC PLUG (MALE PIN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com