Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6-R028171 Datasheet(PDF) 1 Page - Pro-Signal

Part # A6-R028171
Description  3.0 USB Cable USB A Male to Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

A6-R028171 Datasheet(HTML) 1 Page - Pro-Signal

  A6-R028171 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
16/10/14
3.0 USB Cable
USB A Male to Male
Specifications:
Connector Type A
: USB 3.0 A Plug
Connector Type B
: USB 3.0 A Plug
Jacket Colour:
: Blue
Cable Length - Imperial
: 3.28ft
Cable Length - Metric
: 1m
Electrical Test:
100% Open & short & Mis wire Test
Insulation Resistance
: 10MΩ (Min.)
Contact Resistance
: 2Ω (Max.)
Hi-Pot Test
: DC 100V/10ms
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
3.0 USB Cable
USB A Male to Male
RP021
Dimensions : Millimetres
No.
Item
Description
Qty Unit
1
A4-R002034
(28AWG × 1P + D + AL + MYLAR) × 2C +
(28AWG × 1P + AL) + 28AWG × 2C + AEB
65%AL OD:5.5 ±0.2mm Colour : Blue
L
m
2
A2-R028316 USB 3.0 A (Male) 9P Solder Insulation Blue
2
Pcs
3
A6-R028171 USB 3.0 A (Male) Front Shell Plated Nickel
2
Pcs
4
A6-R028172 USB 3.0 A (Male) Back Shell Plated Nickel
2
Pcs
5
A5-R047095
45P Blue PVC
-
g


Similar Part No. - A6-R028171

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
A6-RGB-3 ROITHNER-A6-RGB-3 Datasheet
143Kb / 2P
HIGH POWER RGB EMITTER
A6-RGB-9 ROITHNER-A6-RGB-9 Datasheet
143Kb / 2P
HIGH POWER RGB EMITTER
More results

Similar Description - A6-R028171

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692903100000 WURTH-692903100000 Datasheet
387Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE B MALE
692904100000 WURTH-692904100000 Datasheet
386Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
logo
Assmann Electronics Inc...
AK672-1XHQC-R ASSMANN-AK672-1XHQC-R Datasheet
77Kb / 1P
High Quality USB Connection Cable, USB A Male to USB B Male
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
USB C Male to USB 3.1 A Male Cable 1m
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
List of Unclassifed Man...
USBCM303M0USBAMWHR ETC-USBCM303M0USBAMWHR Datasheet
479Kb / 6P
USB A MALE to USB C MALE 3.0 56K Res, GT Cable
08/23/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com