Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S066M Datasheet(PDF) 1 Page - Pro-Signal

Part # S066M
Description  Internal Sounders Speakers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

S066M Datasheet(HTML) 1 Page - Pro-Signal

  S066M Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Internal Sounders
Speakers
Page <1>
08/12/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2011.
Specification Table
Description
Ohms
Maximum
Power
Frequency Range
Material
Size
(mm)
Part Number
Speaker, Mylar Cone, 8 OHM, 50 mm
8
2 W
3 kHz
Mylar
50 × 20
Diameter
SO50M
Speaker, Mylar Cone, 8 OHM, 66 mm
3 W
4.5 kHz
66 × 20
Diameter
SO66M
Speaker, Mylar Cone, 8 OHM, Square
8/16
12 W
5 kHz
87 × 87 × 35
SO85M
S050M
SO85M
SO66M


Similar Part No. - S066M

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
S06 HELLERMANNTYTON-S06 Datasheet
178Kb / 1P
Terminals
logo
API Delevan
S0603 API-S0603 Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0603-101NJ API-S0603-101NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0603-10NJ API-S0603-10NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
S0603-151NJ API-S0603-151NJ Datasheet
1Mb / 2P
Hi-Rel Surface Mount Chip Inductors
More results

Similar Description - S066M

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
Speakers
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
logo
HOKURIKU ELECTRIC INDUS...
E2212AA HOKURIKU-E2212AA Datasheet
46Kb / 1P
Piezoelectric Sounders
logo
Axiomtek Co., Ltd.
MMT175 AXIOMTEK-MMT175 Datasheet
342Kb / 2P
Built-in internal microphone/2W stereo speakers
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
Internal Sounders Speakers
SR00196 ETC2-SR00196 Datasheet
63Kb / 1P
2 and 4 Peizo Internal Sounders
logo
Axiomtek Co., Ltd.
MMT225 AXIOMTEK-MMT225_15 Datasheet
394Kb / 2P
Built-in internal microphone/2W stereo speakers
logo
HOKURIKU ELECTRIC INDUS...
HAS-RP2-14-41-11 HOKURIKU-HAS-RP2-14-41-11 Datasheet
46Kb / 1P
Piezoelectric Sounders
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
Piezoelectric Sounders / Buzzers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com