Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1407 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1407
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1407 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1407 Datasheet HTML 1Page - STMicroelectronics SD1407 Datasheet HTML 2Page - STMicroelectronics SD1407 Datasheet HTML 3Page - STMicroelectronics SD1407 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1
: 24 - 200pF Arco 425
C2,C4 : 50 - 380pF Arco 465
C3
: 9 - 180pF Arco 463
C5
: 10
µF, Electrolytic, 35Vdc
C6
: 0.01
µF, 100V, Ceramic
L1
: 4 Turns, #16 AWG, Tinned, 0.40” I.D.
L2,L5
: 1 Turn, #22 AWG, Tinned, formed with VK-200
#4B Ferroxcube
L4
: 17 Turns, #18 Enameled Wire Wrapped Around R1
R1
: 390
Ω Resistor (2 Watt)
SD1407
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com