Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-GCN4 Datasheet(PDF) 54 Page - Omron Electronics LLC

Part # F39-GCN4
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-GCN4 Datasheet(HTML) 54 Page - Omron Electronics LLC

Back Button F39-GCN4 Datasheet HTML 50Page - Omron Electronics LLC F39-GCN4 Datasheet HTML 51Page - Omron Electronics LLC F39-GCN4 Datasheet HTML 52Page - Omron Electronics LLC F39-GCN4 Datasheet HTML 53Page - Omron Electronics LLC F39-GCN4 Datasheet HTML 54Page - Omron Electronics LLC F39-GCN4 Datasheet HTML 55Page - Omron Electronics LLC F39-GCN4 Datasheet HTML 56Page - Omron Electronics LLC F39-GCN4 Datasheet HTML 57Page - Omron Electronics LLC F39-GCN4 Datasheet HTML 58Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 164 page
background image
F3SG-RR
54
Indicator
Emitter
Receiver
Note: TOP, CFG, LOCKOUT, STB and ON/OFF indicators are illuminated when the receiver of the F3SG-RR is in Setting mode.
*1. The EDM indicator is illuminated when the EDM input is in the ON state regardless of the use of the EDM function.
*2. Refer to Safety Light Curtain F3SG-
@RR Series User's Manual (ManNo.: Z383) for more information of blinking patterns.
Interface Unit
Lamp
Name of Indicator
Color
Illuminated
Blinking
Test
TEST
Green
−
External Test is being performed
Operating range
LONG
Green
Always illuminated
Lockout state due to Scan code setting error
Power
POWER
Green
Power is ON.
Error due to noise
Lockout
LOCKOUT
Red
−
Lockout state due to error in emitter
Name of Indicator
Color
Illuminated
Blinking
Top-beam-state
TOP
Blue
The top beam is unblocked
Muting/Override state, or Lockout state due to Cap
error or Other sensor error
PNP/NPN mode
NPN
Green
NPN mode is selected
−
Response time
SLOW
Green
Response Time Adjustment is enabled
−
Sequence error
SEQ
Yellow
−
Sequence error in Muting or Pre-reset mode
Blanking
BLANK
Green
Blanking, Warning Zone or Reduced Resolution is
enabled
Blanking Monitoring error
Configuration
CFG
Green
−
Zone measurement being performed by Dynamic
Muting, or Lockout state due to Parameter error
or Cascading Configuration error
Interlock
INT-LK
Yellow
Interlock state
Pre-reset mode *2
External device
monitoring
EDM
Green
RESET input is in ON state *1
Lockout state due to EDM error
Internal error
INTERNAL
Red
−
Lockout state due to Internal error, or error due
to abnormal power supply or noise
Lockout
LOCKOUT
Red
−
Lockout state due to error in receiver
Stable-state
STB
Green
Incident light level is 170% or higher of ON-threshold
Safety output is instantaneously turned OFF due to
ambient light or vibration
ON/OFF
ON/OFF
Green
Safety output is in ON state
−
Red
Safety output is in OFF state
Lockout state due to Safety Output error, or error due
to abnormal power supply or noise
Communication
COM
Green
Synchronization between emitter and receiver is
maintained
Lockout state due to Communication error, or error
due to abnormal power supply or noise
Bottom-beam-state
BTM
Blue
The bottom beam is unblocked
Muting/Override state, or Lockout state due to Scan
code setting error
Main Unit
PC/AT compatible machine (computer that runs Microsoft Windows)
Operating System (OS)
Windows 7 (32-bit/64-bit), Windows 8, 8.1 (32-bit/64-bit), Windows 10 (32-bit/64-bit)
Communication Port
USB port ×1
Ambient Temperature
Operating: -10 to 55°C, Storage: -30 to 70°C (non-icing and non-condensing)
Ambient Humidity
Operating: 35% to 85%, Storage: 35% to 95% (non-condensing)
Item
F39-LP
Applicable Sensor
F3SG-
@RA/RR Series Safety Light Curtain (Receiver)
LED Light Color
Red/Green/Orange
Power Supply Voltage
24 VDC±20%, ripple p-p 10% max. (shares sensor’s power supply)
Current Consumption
25 mA max. (shares sensor’s power supply.)
Ambient Temperature
Operating: -10 to 55°C, Storage: -25 to 70°C
Ambient Humidity
Operating: 35% to 85%, Storage: 35% to 95%
Vibration Resistance
10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock Resistance
100 m/s2 , 1000 shocks for all 3 axes
Degree of Protection
IP65 and IP67 (When attached to F3SG)
Type of Connection
Connectable to F3SG-RA/RR’s terminal connector
Material
Lighting element: PC, Other body parts: PBT
Weight
45 g (when packaged)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com