Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-CG-P3AQ Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # LE-CG-P3AQ
Description  OSRAM OSTAR™ Projection Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-CG-P3AQ Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button LE-CG-P3AQ Datasheet HTML 3Page - ams-OSRAM AG LE-CG-P3AQ Datasheet HTML 4Page - ams-OSRAM AG LE-CG-P3AQ Datasheet HTML 5Page - ams-OSRAM AG LE-CG-P3AQ Datasheet HTML 6Page - ams-OSRAM AG LE-CG-P3AQ Datasheet HTML 7Page - ams-OSRAM AG LE-CG-P3AQ Datasheet HTML 8Page - ams-OSRAM AG LE-CG-P3AQ Datasheet HTML 9Page - ams-OSRAM AG LE-CG-P3AQ Datasheet HTML 10Page - ams-OSRAM AG LE-CG-P3AQ Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LE CG P3AQ
DATASHEET
DATASHEET
7 | Version 1.6 | 2026-01-29
Chromaticity Coordinate Groups
within λ = 500 ... 600 nm
A
0.62
0.63
0.64
0.65
0.66
Cy
Cx
A
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
Cy
Cx
Chromaticity Coordinate Groups 3)
Group
Cx
Cy
A
0.3093
0.6398
0.3160
0.6498
0.3260
0.6431
0.3193
0.6331
Group Name on Label
Example: XQ-A
Brightness
Color Chromaticity
XQ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com