Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-CG-Q7WN Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LE-CG-Q7WN
Description  OSRAM OSTAR™ Projection Compact
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-CG-Q7WN Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LE-CG-Q7WN Datasheet HTML 7Page - ams-OSRAM AG LE-CG-Q7WN Datasheet HTML 8Page - ams-OSRAM AG LE-CG-Q7WN Datasheet HTML 9Page - ams-OSRAM AG LE-CG-Q7WN Datasheet HTML 10Page - ams-OSRAM AG LE-CG-Q7WN Datasheet HTML 11Page - ams-OSRAM AG LE-CG-Q7WN Datasheet HTML 12Page - ams-OSRAM AG LE-CG-Q7WN Datasheet HTML 13Page - ams-OSRAM AG LE-CG-Q7WN Datasheet HTML 14Page - ams-OSRAM AG LE-CG-Q7WN Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LE CG Q7WN
DATASHEET
DATASHEET
11 | Version 1.0 | 2025-06-25
Relative cumulated Luminous Flux 4)
Φ
Vrel - cum = f (λ); IF = 1000 mA; TJ = 25 °C
LE CG Q7WN
400
500
600
700
O /
0,0
0,2
0,4
0,6
0,8
1,0
:CoD green
Relative Partial Flux 4)
Φ
v(2φ)/Φv(180°) = f(φ); TJ = 25 °C
LE CG Q7WN
020406080
100
120
140
160
180
M /
0,0
0,2
0,4
0,6
0,8
1,0
)
M
)
:CoD green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com