Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-CG-Q7WR Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LE-CG-Q7WR
Description  OSRAM OSTAR® Projection Compact
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-CG-Q7WR Datasheet(HTML) 2 Page - ams-OSRAM AG

  LE-CG-Q7WR Datasheet HTML 1Page - ams-OSRAM AG LE-CG-Q7WR Datasheet HTML 2Page - ams-OSRAM AG LE-CG-Q7WR Datasheet HTML 3Page - ams-OSRAM AG LE-CG-Q7WR Datasheet HTML 4Page - ams-OSRAM AG LE-CG-Q7WR Datasheet HTML 5Page - ams-OSRAM AG LE-CG-Q7WR Datasheet HTML 6Page - ams-OSRAM AG LE-CG-Q7WR Datasheet HTML 7Page - ams-OSRAM AG LE-CG-Q7WR Datasheet HTML 8Page - ams-OSRAM AG LE-CG-Q7WR Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LE CG Q7WR
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-10-27
OSRAM OSTAR® Projection Compact
LE CG Q7WR
The OSTAR Projection LE CG Q7WR is specifically designed
for automotive head-up applications using a DMD.
Applications
- Projection
- Projection & Display
- Visualization
Features
- Package: compact lightsource in SMT technology with glass window on top
- Chip technology: UX:3
- Typ. Radiation: 120°
- Color: Cx = 0.317, Cy = 0.642 acc. to CIE 1931 (● converted green)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com