Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3002GML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3002GML
Description  FOM Management IC with Internal Calibr ation
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002GML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3002GML Datasheet HTML 9Page - Micrel Semiconductor MIC3002GML Datasheet HTML 10Page - Micrel Semiconductor MIC3002GML Datasheet HTML 11Page - Micrel Semiconductor MIC3002GML Datasheet HTML 12Page - Micrel Semiconductor MIC3002GML Datasheet HTML 13Page - Micrel Semiconductor MIC3002GML Datasheet HTML 14Page - Micrel Semiconductor MIC3002GML Datasheet HTML 15Page - Micrel Semiconductor MIC3002GML Datasheet HTML 16Page - Micrel Semiconductor MIC3002GML Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
13
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
Serial Data I/O Pin, Data
Symbol
Parameter
Condition
Min
Typ
Max
Units
IOL = 3mA
0.4
V
VOL
Low Output Voltage
IOL = 6mA
0.6
V
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
2.1
V
ILEAK
Input Current
±1
µA
CIN
Input Capacitance
Note 4
10
pF
Serial Clock Input, CLK
VIL
Low Input Voltage
2.7V
≤ VDD ≤ 3.6V
0.8
V
VIH
High Input Voltage
2.7V
≤ VDD ≤ 3.6V
2.1
V
ILEAK
Input Current
±1
µA
CIN
Input Capacitance
Note 4
10
pF
Serial Interface Timing
(4)
t1
CLK (clock) Period
2.5
µs
t2
Data In Setup Time to CLK High
100
ns
t3
Data Out Stable After CLK Low
300
ns
t4
Data Low Setup Time to CLK
Low
Start Condition
100
ns
t5
Data High Hold Time After CLK
High
Stop Condition
100
ns
tDATA
Data Ready Time
From power on to completion of one
set of ADC conversions; analog data
available via serial interface.
400
ms
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended.
4.
Guaranteed by designing and/or testing of related parameters. Not 100% tested in production.
5.
The MIC3000 will attempt to enter its shutdown state when VDD falls below VUVLO. This operation requires time to complete. If the supply voltage
falls too rapidly, the operation may not be completed.
6.
Does not include quantization error.
7.
The MIC3002 will not respond to serial bus transactions during an EEPROM write-cycle. The host will receive a NACK during tWR.
8.
Final test on outgoing product is performed at TA = +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com