Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE D P2MQ-JQJT-R Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LE D P2MQ-JQJT-R
Description  OSRAM OSTAR™ Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE D P2MQ-JQJT-R Datasheet(HTML) 5 Page - ams-OSRAM AG

  LE D P2MQ-JQJT-R Datasheet HTML 1Page - ams-OSRAM AG LE D P2MQ-JQJT-R Datasheet HTML 2Page - ams-OSRAM AG LE D P2MQ-JQJT-R Datasheet HTML 3Page - ams-OSRAM AG LE D P2MQ-JQJT-R Datasheet HTML 4Page - ams-OSRAM AG LE D P2MQ-JQJT-R Datasheet HTML 5Page - ams-OSRAM AG LE D P2MQ-JQJT-R Datasheet HTML 6Page - ams-OSRAM AG LE D P2MQ-JQJT-R Datasheet HTML 7Page - ams-OSRAM AG LE D P2MQ-JQJT-R Datasheet HTML 8Page - ams-OSRAM AG LE D P2MQ-JQJT-R Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LE D P2MQ
DATASHEET
DATASHEET
5 | Version 1.6 | 2026-01-12
Brightness Groups
Group
Total radiant flux 1)
Total radiant flux 1)
I
F = 10000 mA
I
F = 10000 mA
min.
max.
Φ
e
Φ
e
JQ
48400 mW
52000 mW
JR
52000 mW
56300 mW
JS
56300 mW
61000 mW
JT
61000 mW
65800 mW
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
R
435 nm
445 nm
Group Name on Label
Example: JQ-R
Brightness
Wavelength
JQ
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com