Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1925 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # C1925
Description  Stud Type Junction Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

C1925 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  C1925 Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies
of this BIF document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide
technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design
or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or
update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the
user in all possible applications.
Stud Type Junction Blocks
Stud Type J/Blocks
Page 1 of 1
BIF Document: 2070
Bussmann®
12-28-98
SB98107
Rev. A
SPECIFICATIONS
Material: Studs on non-feed-thrus are steel plated; feed-thrus
are copper alloy.
Applications: Heavy-duty ground or power connection points
in AC or DC circuits. Feed-thru or stand alone mount options
available for transformers, communication and computer power
sections along with various vehicle electrical systems.
Benefits: Modular design offers design and manufacturing
flexibility.
Suggested Max. Termination Ratings:
Thread/Stud Sz.
Amperages
#10-32
50 Amps
#1/4-20
100 Amps
#5/16-18
200 Amps
#3/8-16
250 Amps
#1/2-20
400 Amps
Part
Fig.
ABCD
E
F
G
H
J
K
L
M
Material
Color
C2791*
2
2.06
.69
.44
.62
.69
.31
.69
.06
.06
1.31
.22 dia. w/.41 dia.
1/4-20
Thermoset
Black
(52.4)
(17.5)
(11.2)
(15.9)
(17.5)
(7.9)
(17.5)
(1.6)
(1.6)
(33.3)
C’bore x .14 deep
C2909*
2
2.06
.69
.44
.62
1.0
.31
.69
.06
.06
1.31
.22 dia. w/.41 dia.
10-32
Thermoset
Black
(52.4)
(17.5)
(11.2)
(15.9)
(25.4)
(7.9)
(17.5)
(1.6)
(1.6)
(33.3)d
C’bore x 14 deep
C2909-1*
2
2.06
.69
.44
.62
1.0
.31
.69
.06
.06
1.31
.22 dia. w/.41 dia.
1/4-20
Thermoset
Black
(52.4)
(17.5)
(11.2)
(15.9)
(25.4)
(7.9)
(17.5)
(1.6)
(1.6)
(33.3)d
C’bore x 14 deep
C1938*
2
2.06
.94
.69
.87
.69
.31
.87
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic
Black
(52.4)
(23.8)
(17.5)
(22.2)
(17.5)
(7.9)
(22.2)
(1.6)
(1.6)
(33.3)d
C’bore x 14 deep
C1925*
1
2.75
1.5
1.25
1.25
1.12
37
1.12
.19
.19
2.0
.22 dia. w/.44 dia.
1/2-13
Thermoplastic
Red
(69.8)
(38.1)
(31.7)
(31.7)
(28.6)
(9.5)
(28.6)
4.8)
(4.8)
(50.8)
C’bore x .16 deep
C4044*
2
2.06
.87
.62
.62
1.12
.31
.87
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic
Black
(52.4)
(22.2)
(15.9)
(15.9)
(28.6)
(7.9)
(22.2)
(1.6)
(1.6)
(33.3)
C’bore x .14 deep
C5898*
2
2.06
.94
.69
.87
.69
.31
.87
.06
.06
1.31
.22 dia. w/.41 dia.
3/8-16
Thermoplastic
Red
(52.4)
(23.8)
(17.5)
(22.2)
(17.5)
(7.9)
(22.2)
(1.6)
(1.6)
(33.3)
C’bore x 14 deep
JB3816-2
2
2.12
1.0
.62
.94
.69
.31
None
.06
None
1.37
.22 dia. w/.37 dia.
3/8-16
Thermoplastic
Black
(54.0)
(25.4)
(15.9)
(23.8)
(17.5)
(7.9)
(1.6)
(34.9)
C’bore x .14 deep
JB3816-3
2
2.12
1.0
.62
.94
.69
.31
None
.06
None
1.37
.22 dia. w/.37 dia.
3/8-16
Thermoplastic
Red
(54.0)
(25.4)
(15.9)
(23.8)
(17.5)
(7.9)
(1.6)
(34.9)
C’bore x .14 deep
C1933
1
2.75
1.44
1.25
1.5
1.12
.37
None
.19
None
2
.22 dia.
1/2-13
Thermoplastic
Black
(69.8)
(36.6)
(31.7)
(38.1)
(28.6)
(9.5)
(4.8)
(50.8)
C1933-1
1
2.75
1.44
1.25
1.5
1.12
.37
None
.19
None
2
.22 dia.
5/16-18
Thermoplastic
Black
(69.8)
(36.3)
(31.7)
(38.1)
(28.6)
(9.5)
(4.8)
(50.8)
C6344-1
2
2.12
.62
.62
.87
.69
.31
None
.06
None
1.37
.22 dia. w/.37 dia.
1/2-20
Thermoplastic
Black
(54.0)
(15.9)
(15.9)
(22.2)
(17.5)
(7.9)
(1.6)
(34.9)
C’bore x .14 deep
*Feed-thru
Options – Nuts & washers; consult factory.
F
J
H
G
E
D
CB
M (thread size)
1.87"
(47.6)
.75"
(19.1)
1.12"
(28.6)
K
A
K
A
L (4 mtg. holes)
L (2 mtg. holes)
Fig. 1
(Parts C1925, C1933, C1933-1)
Fig. 2
(All other parts)
Dimensions


Similar Part No. - C1925

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C192 KEMET-C192 Datasheet
580Kb / 40P
MILITARY SPECIFCATIONS ON BACK
C192 KEMET-C192 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
PerkinElmer Optoelectro...
C1921 PERKINELMER-C1921 Datasheet
10Kb / 11P
Channel Photomultipliers
C1921P PERKINELMER-C1921P Datasheet
10Kb / 11P
Channel Photomultipliers
C1922 PERKINELMER-C1922 Datasheet
10Kb / 11P
Channel Photomultipliers
More results

Similar Description - C1925

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 40 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
logo
Cooper Bussmann, Inc.
CPB162 COOPER-CPB162 Datasheet
95Kb / 2P
Connector/Stud Power Distribution Blocks
C4559-2 COOPER-C4559-2 Datasheet
118Kb / 2P
Stud Type Junction Blocks
logo
Naina Semiconductor ltd...
240NS NAINA-240NS Datasheet
112Kb / 2P
Standard Recovery Diodes (Stud Type), 320A
logo
Adam Technologies, Inc.
EB59-XX-A ADAM-TECH-EB59-XX-A Datasheet
87Kb / 1P
MINI TYPE SIMPLE TYPE CLAMP TERMINAL BLOCKS
logo
List of Unclassifed Man...
C2791 ETC1-C2791 Datasheet
491Kb / 2P
Feed-through and standalone stud type junction blocks
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
logo
Banner Engineering Corp...
R50-4M125-M125Q-P BANNER-R50-4M125-M125Q-P Datasheet
2Mb / 4P
Molded Junction Blocks - Parallel Wired
Rev. A / 9 May 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com