Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8100708 Datasheet(PDF) 4 Page - ledxon GmbH

Part # 8100708
Description  Downlight DLA1-M20, 18W 1917lm CRI97 B30 24° grey
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8100708 Datasheet(HTML) 4 Page - ledxon GmbH

  8100708 Datasheet HTML 1Page - ledxon GmbH 8100708 Datasheet HTML 2Page - ledxon GmbH 8100708 Datasheet HTML 3Page - ledxon GmbH 8100708 Datasheet HTML 4Page - ledxon GmbH 8100708 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8100708
/
Page 4 5
OXOMI
Created on 09/22/2026
Suitable for built-in mounting
Yes
With light source
Yes
Dimming DALI
Yes
BATTERIES
Contains battery
No
CUSTOMS
CE Indicator
Yes
Country of origin
China (CN)
HAZARDOUS MATERIALS
RoHS applicable
True
LOGISTICS
Delivery time (working days)
7 Days
Packaging parts
1
Unlimited shelf life
Yes
OTHER
ECHA DB Scip ID
00000000-0000-0000-0000-000000000000
REGULATIONS
REACH Indicator
No
SELLING INFORMATION
Manufacturer product number
8100708
Variation
DLA1-M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com