Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8100714 Datasheet(PDF) 3 Page - ledxon GmbH

Part # 8100714
Description  Downlight DLA1-M20, 18W 1007lm FM 15° grey
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8100714 Datasheet(HTML) 3 Page - ledxon GmbH

  8100714 Datasheet HTML 1Page - ledxon GmbH 8100714 Datasheet HTML 2Page - ledxon GmbH 8100714 Datasheet HTML 3Page - ledxon GmbH 8100714 Datasheet HTML 4Page - ledxon GmbH 8100714 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8100714
/
Page 3 5
OXOMI
Created on 09/28/2026
Housing colour
Grey
Voltage type
AC
Nominal voltage
230 V
No dim function
No
Light distribution
Symmetric
Beam angle
11-20° - Narrow beam
Rated lifetime L70/B50 at 25 °C
65,000 h
Degree of protection (IP)
IP20
Degree of protection (NEMA)
Other
Impact strength
IK03
Protection class according to IEC 61140
I
Max. system power
18.00 W
Colour of light
Other
Luminous flux
1,007.00 lm
Rated luminous flux according to IEC
62722-2-1
1,007 lm
Width
143 mm
Height/depth
121.00 mm
Length
143 mm
Outer diameter
143 mm
Colour consistency (McAdam ellipse)
SDCM3
Reflector colour
Silver
Suitable for built-in mounting
Yes
With light source
Yes
Dimming DALI
Yes
BATTERIES
Contains battery
No



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com