Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7253L Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7253L
Description  6W AMPLIFIER WITH MUTING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7253L Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7253L Datasheet HTML 1Page - STMicroelectronics TDA7253L Datasheet HTML 2Page - STMicroelectronics TDA7253L Datasheet HTML 3Page - STMicroelectronics TDA7253L Datasheet HTML 4Page - STMicroelectronics TDA7253L Datasheet HTML 5Page - STMicroelectronics TDA7253L Datasheet HTML 6Page - STMicroelectronics TDA7253L Datasheet HTML 7Page - STMicroelectronics TDA7253L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
TDA7253L
3
HEAT SINK DIMENSIONING:
In order to avoid the thermal protection intervention, that is placed approximatively at Tj = 150°C, it is important
the dimensioning of the Heat Sinker RTh (°C/W).
The parameters that influence the dimensioning are:
– Maximum dissipated power for the device (Pdmax)
– Max thermal resistance Junction to case (RTh j-c)
– Max. ambient temperature Tamb max
– Quiescent current Iq (mA)
3.1 Example:
VCC = 20V, Rload = 8ohm, RTh j-c = 9 °C/W , Tamb max = 50°C
Pdmax = (N° channels) ·
Pdmax = 1 · ( 2.5 ) + 0.5 = 3W
(Heat Sinker)
In figure 8 is shown the Power derating curve for the device.
Figure 11. Power Derating Curve
2V
cc
2
Π
2
R
lo ad
⋅
--------------------------
I
q
V
cc
⋅
+
R
Th c-a
150
T
am b max
–
P
d max
-----------------------------------------
R
Th j-c
–
150
50
–
6
----------------------
9
–
24.3
°C/W
==
=
a)
Infinite Heatsink
b)
10 °C/ W
c)
15 °C/ W
d)
20 °C/ W
(d)
(a)
(b)
(c)
0
2
4
6
8
10
040
80
120
160
Tamb (°C)
a)
Infinite Heatsink
b)
10 °C/ W
c)
15 °C/ W
d)
20 °C/ W
(d)
(a)
(b)
(c)
0
2
4
6
8
10
040
80
120
160
Tamb (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com