Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

862-9447 Datasheet(PDF) 1 Page - Pro-Signal

Part # 862-9447
Description  Microphone Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

862-9447 Datasheet(HTML) 1 Page - Pro-Signal

  862-9447 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Length
Order Code
1m
862-9447
3m
862-9455
6m
371-0210
Microphone Lead
6.35mm mono metal jack plug to XLR
female plug. Black straight noiseless
cable.
246446


Similar Part No. - 862-9447

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
862-9404 PROSIGNAL-862-9404 Datasheet
31Kb / 1P
XLR Microphone Leads
862-9412 PROSIGNAL-862-9412 Datasheet
31Kb / 1P
XLR Microphone Leads
862-9420 PROSIGNAL-862-9420 Datasheet
31Kb / 1P
XLR Microphone Leads
862-9439 PROSIGNAL-862-9439 Datasheet
31Kb / 1P
XLR Microphone Leads
862-9463 PROSIGNAL-862-9463 Datasheet
27Kb / 1P
XLR Plug To 6.35mm 1⁄4" Mono Jack Plug Leads
More results

Similar Description - 862-9447

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AOM-4540L-R PUI-AOM-4540L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-4544P-NF-R PUI-AOM-4544P-NF-R Datasheet
56Kb / 1P
MICROPHONE
AOM-5242L-R PUI-AOM-5242L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-5538L-NF-R PUI-AOM-5538L-NF-R Datasheet
60Kb / 1P
MICROPHONE
POM-1644P-NF-R PUI-POM-1644P-NF-R Datasheet
58Kb / 1P
MICROPHONE
POM-1844P-C33-R PUI-POM-1844P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2240P-C33-R PUI-POM-2240P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2244P-2-R PUI-POM-2244P-2-R Datasheet
95Kb / 1P
MICROPHONE
POM-2246P-C33-R PUI-POM-2246P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2738L-R PUI-POM-2738L-R Datasheet
55Kb / 1P
MICROPHONE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com