Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

149-4749 Datasheet(PDF) 1 Page - Pro-Signal

Part # 149-4749
Description  USB 2.0 Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

149-4749 Datasheet(HTML) 1 Page - Pro-Signal

  149-4749 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USB 2.0 Cable
USB A to B cables for use with the
faster USB 2.0 interface.
236079.255666
Price Each
Description
Order Code
A Plug to B Plug, 2m
393-4251
A Plug to B Plug, 3m
393-4263
A Plug to B Plug, 5m
395-2782
A Plug to A Plug
A Plug to A Plug, 2m
101-9939
A Plug to A Plug, 3m
101-9953
A Plug to A Plug, 5m
101-9954
A Plug to A Socket
A Plug to A Socket, 0.25m
149-4749
A Plug to A Socket, 0.5m
101-9951
A Plug to A Socket, 1m
101-9952
A Plug to A Socket, 2m
101-9940
A Plug to A Socket, 3m
149-4748
A Plug to A Socket, 5m
149-4747


Similar Part No. - 149-4749

ManufacturerPart #DatasheetDescription
logo
3M Electronics
149-5710 3M-149-5710 Datasheet
34Kb / 1P
Masking Tapes
149-5711 3M-149-5711 Datasheet
34Kb / 1P
Masking Tapes
149-5712 3M-149-5712 Datasheet
34Kb / 1P
Masking Tapes
149-5713 3M-149-5713 Datasheet
34Kb / 1P
Masking Tapes
149-5714 3M-149-5714 Datasheet
34Kb / 1P
Masking Tapes
More results

Similar Description - 149-4749

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCUSB2AA3M DUBILIER-DBCUSB2AA3M Datasheet
81Kb / 1P
cable assemblies USB 2.0 Moulded Leads
logo
Assmann Electronics Inc...
AK670M-2-3-R ASSMANN-AK670M-2-3-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male
AK67501-0-5 ASSMANN-AK67501-0-5 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-1 ASSMANN-AK67501-1 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-2 ASSMANN-AK67501-2 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-3 ASSMANN-AK67501-3 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
AK67501-5 ASSMANN-AK67501-5 Datasheet
85Kb / 1P
USB 2.0 Micro Connection cable
logo
Glenair, Inc.
963-005 GLENAIR-963-005 Datasheet
204Kb / 1P
USB 2.0 Cable
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
MC001008 ETC2-MC001008 Datasheet
190Kb / 1P
USB 2.0 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com