Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

862-9498 Datasheet(PDF) 1 Page - Pro-Signal

Part # 862-9498
Description  XLR Plug To 6.35mm 1⁄4" Mono Jack Plug Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

862-9498 Datasheet(HTML) 1 Page - Pro-Signal

  862-9498 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Length
Order Code
1m
862-9463
3m
862-9471
5m
862-9480
10m
862-9498
XLR Plug To 6.35mm 1⁄4" Mono Jack Plug Leads
A range of XLR plug to 6.35mm 1⁄4" mono jack
plug leads ideal for unbalanced microphone
and line level signal transmission.
382523.382509
Ì Single core screened, flexible microphone
cable
Ì Nickel plated connectors
Ì Integral strain reliefs


Similar Part No. - 862-9498

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
862-9404 PROSIGNAL-862-9404 Datasheet
31Kb / 1P
XLR Microphone Leads
862-9412 PROSIGNAL-862-9412 Datasheet
31Kb / 1P
XLR Microphone Leads
862-9420 PROSIGNAL-862-9420 Datasheet
31Kb / 1P
XLR Microphone Leads
862-9439 PROSIGNAL-862-9439 Datasheet
31Kb / 1P
XLR Microphone Leads
862-9447 PROSIGNAL-862-9447 Datasheet
24Kb / 1P
Microphone Lead
More results

Similar Description - 862-9498

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6869-180 POMONA-6869-180 Datasheet
90Kb / 1P
XLR Plug / Jack (3-pin) Cable 15 feet, 25 feet
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
1809 POMONA-1809 Datasheet
25Kb / 1P
Pin Jack To Banana Plug
5547 POMONA-5547 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
logo
Amphenol Corporation
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
Pasternack Enterprises,...
PE9119 PASTERNACK-PE9119 Datasheet
199Kb / 1P
SMC PLUG TO SMC JACK
logo
CUI INC
MP3-2501 CUI-MP3-2501 Datasheet
76Kb / 1P
MONO PLUG
MP3-3501 CUI-MP3-3501 Datasheet
77Kb / 1P
MONO PLUG
logo
Neutrik AG
NA2FP NEUTRIK-NA2FP Datasheet
58Kb / 2P
3 pole XLR female ??Mono 1/4" plug (tip, sleeve contact)
NA2MP NEUTRIK-NA2MP Datasheet
55Kb / 2P
3 pole XLR male ??Mono 1/4" plug (tip, sleeve contact)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com