Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

862-9331 Datasheet(PDF) 1 Page - Pro-Signal

Part # 862-9331
Description  XLR Microphone Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

862-9331 Datasheet(HTML) 1 Page - Pro-Signal

  862-9331 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Length
Order Code
Black Connectors
1.5m
425-9348
3m
425-9350
6m
425-9361
10m
425-9373
15m
425-9385
20m
425-9397
30m
862-9323
40m
862-9331
50m
862-9340
Nickel Connectors
1.5m
862-9358
3m
862-9366
6m
862-9374
10m
862-9382
15m
862-9390
20m
862-9404
30m
862-9412
40m
862-9420
50m
862-9439
XLR Microphone Leads
Ì 3-Pin XLR plug to socket microphone leads
Ì Tough, two core screened cable
Ì Cable diameter: 6mm
Ì Pins connections: 1:1, 2:2 and 3:3
Ì Black or Nickel XLR connectors
246449


Similar Part No. - 862-9331

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
862-90-121-00-180000 MILL-MAX-862-90-121-00-180000 Datasheet
190Kb / 1P
DUAL-IN-LINE HEADERS Shrink DIP Headers and Strips Solder Tail
logo
Pro-Signal
862-9447 PROSIGNAL-862-9447 Datasheet
24Kb / 1P
Microphone Lead
862-9455 PROSIGNAL-862-9455 Datasheet
24Kb / 1P
Microphone Lead
862-9463 PROSIGNAL-862-9463 Datasheet
27Kb / 1P
XLR Plug To 6.35mm 1⁄4" Mono Jack Plug Leads
862-9471 PROSIGNAL-862-9471 Datasheet
27Kb / 1P
XLR Plug To 6.35mm 1⁄4" Mono Jack Plug Leads
More results

Similar Description - 862-9331

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
Projects Unlimited, Inc...
AOM-4540L-R PUI-AOM-4540L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-4544P-NF-R PUI-AOM-4544P-NF-R Datasheet
56Kb / 1P
MICROPHONE
AOM-5242L-R PUI-AOM-5242L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-5538L-NF-R PUI-AOM-5538L-NF-R Datasheet
60Kb / 1P
MICROPHONE
POM-1644P-NF-R PUI-POM-1644P-NF-R Datasheet
58Kb / 1P
MICROPHONE
logo
List of Unclassifed Man...
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
XLR Connectors
logo
XFMRS Inc.
XFRJ458-RXLR1-1 XFMRS-XFRJ458-RXLR1-1 Datasheet
56Kb / 2P
SINGLE PORT XLR
logo
VITALCONN ELECTRONICS H...
XF103G-A VITALCONN-XF103G-A Datasheet
313Kb / 1P
XLR Connector
logo
Neutrik AG
NC3MPP NEUTRIK-NC3MPP Datasheet
398Kb / 4P
XLR Re ceptacles
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com