Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFM-59DA-2 Datasheet(PDF) 1 Page - Pro-Signal

Part # TFM-59DA-2
Description  External-driven Piezo Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

TFM-59DA-2 Datasheet(HTML) 1 Page - Pro-Signal

  TFM-59DA-2 Datasheet HTML 1Page - Pro-Signal TFM-59DA-2 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
External-driven Piezo Transducer
TFM-43
FEATURES:
Mini size structure
q
Compact and light
q
Multiple application
q
DIMENSIONS: (Unit: mm)
CHARACTERISTICS:
ELECTRICAL SPECIFICATIONS :
Model No.
TFM-43
Min. Sound Pressure Level (dB)
80 /4.5kHz/15VP-P Square Wave /30cm
Max. Consumption (mA)
6 /4.5kHz/15VP-P Square Wave
Resonant Frequency (kHz)
4.5
0.5
Capacitance at 1000Hz (nF)
13
30%
Allowable Input Voltage (VP-P)
40
Operating Temperature (ºC)
-20 ~ +70
Weight (g)
2.5
Case Material/Colour
Grass
PACKING INFORMATION :
Packing :
3000 pcs per export carton
Carton Size :
47 X 30.5 X 35 cm
G. Weight :
9.5 kgs
N. Weight :
8 kgs
TFM-43
file:///F|/¶«·½µç×Ópdf/p01_25.htm (1 of 2) [2003-5-15 9:20:19]
TFM-43 15VP-P Square Wave /30cm


Similar Part No. - TFM-59DA-2

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-104-02-D-P-TR SAMTEC-TFM-104-02-D-P-TR Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-104-02-DH-P-TR SAMTEC-TFM-104-02-DH-P-TR Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-104-02-S-P-TR SAMTEC-TFM-104-02-S-P-TR Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-105-02-D-P-TR SAMTEC-TFM-105-02-D-P-TR Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-105-02-DH-P-TR SAMTEC-TFM-105-02-DH-P-TR Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
More results

Similar Description - TFM-59DA-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFM-24 ETC2-TFM-24 Datasheet
114Kb / 1P
Self-driven Piezo Transducer
logo
Canopus Electronics (H....
CPT0908 CANOPUS-CPT0908 Datasheet
627Kb / 1P
External Drive Piezo Transducer (AC)
CPT1208 CANOPUS-CPT1208 Datasheet
635Kb / 1P
External Drive Piezo Transducer (AC)
CPT1306E CANOPUS-CPT1306E Datasheet
609Kb / 1P
External Drive Piezo Transducer (AC)
CPT1604 CANOPUS-CPT1604 Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
CPT1708 CANOPUS-CPT1708 Datasheet
725Kb / 1P
External Drive Piezo Transducer (AC)
CPT3005 CANOPUS-CPT3005 Datasheet
682Kb / 1P
External Drive Piezo Transducer (AC)
CPT3307 CANOPUS-CPT3307 Datasheet
940Kb / 1P
External Drive Piezo Transducer (AC)
CPT3914 CANOPUS-CPT3914 Datasheet
854Kb / 1P
External Drive Piezo Transducer (AC)
CPT2206 CANOPUS-CPT2206 Datasheet
625Kb / 1P
External Drive Piezo Transducer (AC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com