Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-002 Datasheet(PDF) 1 Page - Pro-Signal

Part # USB-002
Description  USB Data Link
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

USB-002 Datasheet(HTML) 1 Page - Pro-Signal

  USB-002 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USB Data Link
Page 1
26/04/09 V1.0
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2009.
Features:
• Transfer files between two PCs.
• Full compliance with the universal serial bus specification version.
• USB full speed connection.
• Dual data buffer supporting two-way data transfer.
• Low power consumption.
• Support suspend and resume for power management.
• Support remote wake-up.
• Bus powered from either USB port.
• Suitable for mobile PC environment.
Overview:
The USB data link cable is your fast solution to peer-to-peer file transfer between two computers via the USB port. The USB data link
provides true plug-n-play capability white transferring files at much greater speed than traditional file transfer products via serial or
parallel port, more than 6Mbps can be achieved, In most applications, the user will get greater than 4Mbps of smooth file transfer rate.
The application program, a Windows program manager-like user interface, provides a very easy to use environment that makes file
transfer as easy as drag-and-drop. All you need is just simply plug in the USB data link by doing a one-time installation of the program.
System Requirements:
Windows 98/SE/2000/ME/XP.
Mac OS V.86 or above, excluding OS X.
Installation for USB Data Link:
Simply plug the USB data link into the USB port of your computer. The computer will detect this new hardware, and then please
follow the steps below for easy driver installation.
Driver installation under Win 98/98 SE/ME.
Driver installation under Win 2000/XP.
Program Uninstallation:
You can uninstall the USB data link application program and driver by running add/remove programs in settings/control panel and follow
the on-screen instructions to complete the process.
Part Number Table
Description
Part Number
Cable, USB
USB-002


Similar Part No. - USB-002

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB-0039DBL PROSIGNAL-USB-0039DBL Datasheet
115Kb / 1P
USB Double Serial Adaptor
12/05/12 V1.1
USB-0044S PROSIGNAL-USB-0044S Datasheet
30Kb / 1P
PS2 to USB Keyboard Adaptor
More results

Similar Description - USB-002

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
VAN Data Link Controller
TSS461C ATMEL-TSS461C_04 Datasheet
633Kb / 57P
VAN Data Link Controller
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
VAN Data Link Controller
TSS461E ATMEL-TSS461E_06 Datasheet
606Kb / 57P
VAN Data Link Controller
logo
Adam Technologies, Inc.
FODL-001 ADAM-TECH-FODL-001 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
logo
LANSDALE Semiconductor ...
ML145488 LANSDALE-ML145488 Datasheet
200Kb / 12P
Dual Data Link Controller
logo
Motorola, Inc
MC6854 MOTOROLA-MC6854 Datasheet
2Mb / 22P
ADVANCED DATA-LINK CONTROLLER
logo
Festo Corporation.
8091509 FESTO-8091509 Datasheet
89Kb / 2P
IO-Link Master USB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com