Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3-803 Datasheet(PDF) 1 Page - Pro-Signal

Part # USB3-803
Description  Type A Plug to Type B Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

USB3-803 Datasheet(HTML) 1 Page - Pro-Signal

  USB3-803 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
12/11/21
Type A Plug to Type B Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
L ±T
Part Number
Type A Plug to Type B Plug, Black
2000 ±30mm
USB3-802
3000 ±40mm
USB3-803
5000 ±60mm
USB3-805.
Specifications
Connector to Connector
: Type A Plug to Type B Plug
USB Standard
: USB 3.0
Contact Resistance
: 3Ω Max.
Insulation Resistance
: DC 300V/10ms, 10MΩ Min.
Jacket Colour
: Black
Diagram
No
Description
Qty. Unit
1
[28AWG×(7/0.127TC)+EAM]×2P+[28AWG×(7/0.127TC)+A]×1P+28AWG(7/0.127
TC)×2C+AEB(16/5/0.12AL 65%) OD:5.5mm Black PVC Mark E342987 AWM style
2725 80°C 30V VW-1; Super High speed USB Revision 3.0
-
m
2
USB 3.0 A(M) 9P Blue insulation Pin plated gold 5µ″
2
Pcs
3
USB 3.0 A(M) Shell plated nickel after
4
USB 3.0 A(M) Shell plated nickel before
5
PVC 45P Black
18
g
6
USB 3.0 A(M) Clip
2
Pcs
7
USB 3.0 B(M) 9P Blue insulation Pin plated gold 5µ″
1
Pc
8
USB 3.0 B(M) Shell plated nickel after
9
USB 3.0 B(M) Shell plated nickel before
Dimensions : Millimetres


Similar Part No. - USB3-803

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB3-805 PROSIGNAL-USB3-805 Datasheet
237Kb / 1P
Type A Plug to Type B Plug
V1.0 11/10/22
More results

Similar Description - USB3-803

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
USB-B-S-RA ADAM-TECH-USB-B-S-RA Datasheet
158Kb / 1P
USB CONNECTOR TYPE B SINGLE PORT & TYPE B PLUG
logo
Yamaichi Electronics Co...
USB-B-P01 YAMAICHI-USB-B-P01 Datasheet
79Kb / 1P
Universal Serial Bus, Type B - Plug
logo
FCI connector
10104109 FCI-CONNECTOR-10104109 Datasheet
174Kb / 1P
MICRO-USB B-TYPE PLUG
logo
CONEC Elektronische Bau...
17-250031 CONEC-17-250031 Datasheet
292Kb / 1P
USB Patch Cords IP67 mini-B USB Plug to Standard USB Type A Plug
logo
List of Unclassifed Man...
1053646-1 ETC2-1053646-1 Datasheet
35Kb / 1P
TYPE N PLUG TO OSM PLUG ADAPTER
logo
Pulse A Technitrol Comp...
E8199-070-01 PULSE-E8199-070-01 Datasheet
109Kb / 1P
USB 3.0 B TYPE PLUG
logo
VITALCONN ELECTRONICS H...
HAM10AXLB01 VITALCONN-HAM10AXLB01 Datasheet
168Kb / 1P
HDMI A TYPE PLUG
HSM10AXLB01 VITALCONN-HSM10AXLB01 Datasheet
167Kb / 1P
HDMI A/M TYPE PLUG
logo
Amphenol Communications...
P-DRPC6-XXXX-XXXX AMPHENOLCS-P-DRPC6-XXXX-XXXX Datasheet
497Kb / 2P
INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG TYPE B IX PLUG (ASSEMBLY TYPE)-RoHS COMPLIANT
Rev. A
logo
Molex Electronics Ltd.
847330003 MOLEX-847330003 Datasheet
148Kb / 1P
USB3.0 TYPE-A RECEPT TO USB3.0 TYPE-A PLUG
2013/08/26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com