Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W19 Datasheet(PDF) 1 Page - Pro-Signal

Part # W19
Description  Piezo Siren Electronic Sounder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

W19 Datasheet(HTML) 1 Page - Pro-Signal

  W19 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Piezo Siren
Electronic Sounder
Page <1>
28/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
The photograph shows our very popular electronic sounder. The solid state SIREN has a high sound output, is self contained and
fully weatherproof
Specifications:
Connection
: +Red -Black
DC Voltage
: 12 V
Typical Current
: 310 mA
Sound Output at 1 m
: 118 bB
Size (mm)
: 96 H × 101 L
Weight (g)
: 378
Description
Part Number
Piezo Siren, 12 V dc
W19
Part Number Table


Similar Part No. - W19

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1900 PULSE-W1900 Datasheet
680Kb / 4P
Penta Band Right Angle Stubby Antenna
W1900 PULSE-W1900 Datasheet
680Kb / 4P
Penta Band Right Angle Stubby Antenna
logo
YAGEO Corporation
W1900 YAGEO-W1900 Datasheet
839Kb / 8P
Stubby Antenna
logo
Pulse A Technitrol Comp...
W1902 PULSE-W1902 Datasheet
680Kb / 4P
Penta Band Right Angle Stubby Antenna
logo
YAGEO Corporation
W1902 YAGEO-W1902 Datasheet
839Kb / 8P
Stubby Antenna
More results

Similar Description - W19

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AW-10FW PUI-AW-10FW Datasheet
191Kb / 1P
Siren
AW-15SBR-120 PUI-AW-15SBR-120 Datasheet
97Kb / 1P
Siren
VW-05MR-RL PUI-VW-05MR-RL Datasheet
83Kb / 1P
SIREN
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904_17 Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
logo
CUI INC
CPS-4242-100T CUI-CPS-4242-100T Datasheet
1Mb / 4P
SIREN
01/22/2020
logo
Diodes Incorporated
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
logo
CUI INC
CPS-8542-110PM CUI-CPS-8542-110PM Datasheet
281Kb / 4P
SIREN
01/22/2020
CPS-5248-105PM CUI-CPS-5248-105PM Datasheet
295Kb / 4P
SIREN
01/22/2020
logo
Diodes Incorporated
PAM8904E DIODES-PAM8904E Datasheet
826Kb / 10P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev. 2 - 2 February 2022
PAM8906 DIODES-PAM8906 Datasheet
718Kb / 11P
36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
December 2022 Rev. 1 - 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com