Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRF-ROC09325-E Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HRF-ROC09325-E
Description  Radio On A Chip 300 - 928 MHz FSK Transceiver Frequency Agile With SPI Bus Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-ROC09325-E Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HRF-ROC09325-E Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-ROC09325-E Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-ROC09325-E Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-ROC09325-E Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HRF-ROC09325
Preliminary
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2002 09325
Published February 2002
Page 3
Plymouth, Minnesota 55441-4799
1-800-323-8295
Package Outline
Bottom View, 40 pin, 7.0 x 7.0 x 1.0mm
LPPC™ Package
Backside ground pad is required as the low inductance ground return for both RF and digital signals. Additionally, this
provides a direct connection to the die for enhanced thermal dissipation.
Pin Configuration
HRF-ROC09325 40 Pin LPCC
TM (7 mm X 7 mm) Package Pin List
Name
LPCC Pin
Name
LPCC Pin
LNA_RF_IN
1
DIG_DATA_IN
21
GROUND*
2
SPI_DATA_ IN
22
VCO_TANK_P
3
RESET
23
VCO_TANK_M
4
SPI_CLK
24
VMOD3
5
SPI_INT_OUT
25
VMOD1
6
REXT_BE
26
VDD_VCO
7
RSSI_Q
27
TX_DATA_I
8
RSSI_I
28
PD_OUT
9
TX_ENABLE_OUT
29
GROUND*
10
RX_ENABLE_OUT
30
CLK1
11
GROUND*
31
CLK2
12
NO CONNECTION
32
GROUND*
13
VDD_BaseBand
33
VDD_PLLDIG
14
NO CONNECTION
34
XTALDIV2_OUT
15
VDD Mixer
35
RX_OUT
16
NO CONNECTION
36
TX_DATA
17
REXT_Frontend
37
REXT_PLL
18
PA_RF_OUT
38
SPI_DATA_OUT
19
VDD_PA
39
SPI_SSN
20
GROUND*
40
* Ground pins are added to aid in signal isolation. Primary RF/Digital ground is provided through backside slug pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com