Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6WU-1P-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6WU-1P-R
Description  High-frequency Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WU-1P-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6WU-1P-R Datasheet HTML 1Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 2Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 3Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 4Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 5Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 6Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 7Page - Omron Electronics LLC G6WU-1P-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
G6W
G6W
100
80
60
40
20
0
0.001 0.01
0.1
1
10
100
1,000
Must set voltage
Sample: G6WU-1P 4.5 VDC
Number of Relays: 5
Test conditions: 10-mA resistive load at
30-VDC with an operation rate of 50%.
Switching frequency: 1,800 operations/h
Must reset voltage
max.
max.
min.
min.
Operating frequency (
×103 operations)
100
80
60
40
20
0
0.001 0.01
0.1
1
10
100
1,000
max.
max.
min.
min.
Sample: G6WU-1P 4.5 VDC
Number of Relays: 5
Test conditions: 10-mA resistive load at
30-VAC with an operation rate of 50%.
Switching frequency: 1,800 operations/h
Operating frequency (
×103 operations)
Must set voltage
Must reset voltage
Electrical Endurance
(With Must Set and Must Reset
Voltage)
Electrical Endurance
(With Must Set and Must Reset
Voltage)
Sample: G6WU-1P 4.5 VDC
Number of Relays: 5
Test conditions:
10-mA resistive load at 30-VDC
Switching frequency: 1,800 operations/h
0.001 0.01
0.1
1
10
100
1,000
Contact resistance
max.
max.
min.
min.
1,000
500
300
100
50
30
10
NO contact
NC contact
Operating frequency (
×103 operations)
0.001 0.01
0.1
1
10
100
1,000
max.
max.
min.
min.
1,000
500
300
100
50
30
10
Sample: G6WU-1P 4.5 VDC
Number of Relays: 5
Test conditions:
10-mA resistive load at 30-VAC
Switching frequency: 1,800 operations/h
NO contact
NC contact
Operating frequency (
×103 operations)
Contact resistance
Electrical Endurance
(Contact Resistance)
Electrical Endurance
(Contact Resistance)
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
Sample: G6WK-1P 4.5 VDC
Number of Relays: 5
Must set voltage
Must reset voltage
External magnetic field (A/m)
(Average value)
S
N
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
Sample: G6WK-1P 4.5 VDC
Number of Relays: 5
Must set voltage
Must reset voltage
External magnetic field (A/m)
(Average value)
S
N
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
Sample: G6WK-1P 4.5 VDC
Number of Relays: 5
Must set voltage
Must reset voltage
External magnetic field (A/m)
(Average value)
S
N
External Magnetic Interference



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com