Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1433 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1433
Description  RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1433 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1433 Datasheet HTML 1Page - STMicroelectronics SD1433 Datasheet HTML 2Page - STMicroelectronics SD1433 Datasheet HTML 3Page - STMicroelectronics SD1433 Datasheet HTML 4Page - STMicroelectronics SD1433 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C1, C2 : 0.8pF Voltronics
C3
: 18pF Chip Capacitor
C4, C5 : AJ810
C6
: 1000pF Chip Capacitor
C7
: 0.01
µF Disc Ceramic
C8, C9 : 1000pF Unelco
C10
: 10
µF, 35V Electrolytic
L1
: 0.47
µH Molded Choke
L2
: 2 Turns, #20 AWG, 1/8” I.D.
L3
: 2 Turns in Ferroxcube VK200/19-4B
Board
Material:
3M-K6098, 1/16” Thick
TEST CIRCUIT
SD1433
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com