Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-T-Q7WR Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LE-T-Q7WR
Description  OSRAM OSTAR® Projection Compact
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-T-Q7WR Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LE-T-Q7WR Datasheet HTML 2Page - ams-OSRAM AG LE-T-Q7WR Datasheet HTML 3Page - ams-OSRAM AG LE-T-Q7WR Datasheet HTML 4Page - ams-OSRAM AG LE-T-Q7WR Datasheet HTML 5Page - ams-OSRAM AG LE-T-Q7WR Datasheet HTML 6Page - ams-OSRAM AG LE-T-Q7WR Datasheet HTML 7Page - ams-OSRAM AG LE-T-Q7WR Datasheet HTML 8Page - ams-OSRAM AG LE-T-Q7WR Datasheet HTML 9Page - ams-OSRAM AG LE-T-Q7WR Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LE T Q7WR
DATASHEET
DATASHEET
6 | Version 1.0 | 2023-10-27
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 1400 mA
I
F = 1400 mA
min.
max.
Φ
V
Φ
V
8P
630 lm
710 lm
5Q
710 lm
800 lm
6Q
800 lm
900 lm
7Q
900 lm
1000 lm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
3
524 nm
530 nm
4
530 nm
536 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com