Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-T-Q8WM Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # LE-T-Q8WM
Description  OSRAM OSTAR® Projection Compact
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-T-Q8WM Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button LE-T-Q8WM Datasheet HTML 4Page - ams-OSRAM AG LE-T-Q8WM Datasheet HTML 5Page - ams-OSRAM AG LE-T-Q8WM Datasheet HTML 6Page - ams-OSRAM AG LE-T-Q8WM Datasheet HTML 7Page - ams-OSRAM AG LE-T-Q8WM Datasheet HTML 8Page - ams-OSRAM AG LE-T-Q8WM Datasheet HTML 9Page - ams-OSRAM AG LE-T-Q8WM Datasheet HTML 10Page - ams-OSRAM AG LE-T-Q8WM Datasheet HTML 11Page - ams-OSRAM AG LE-T-Q8WM Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LE T Q8WM
8 Version 1.4 | 2020-06-03
Forward Voltage 4)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 350 mA
LE TQ8WM
-40-20 020406080 100 120
Tj /°C
-0.2
0.0
0.2
0.4
∆VF /V
Relative Luminous Flux 4)
Φ
v/Φv(25 °C) = f(Tj); IF = 350 mA
LE TQ8WM
-40-20 020406080 100 120
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
Dominant Wavelength 4)
Δλ
dom = λdom - λdom(25 °C) = f(Tj); IF = 350 mA
LE TQ8WM
-40-20 020406080 100 120
Tj /°C
-8
-6
-4
-2
0
2
4
6
8
10
∆λ dom /nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com