Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-UW-S2WN Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # LE-UW-S2WN
Description  OSRAM OSTAR™ Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-UW-S2WN Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button LE-UW-S2WN Datasheet HTML 9Page - ams-OSRAM AG LE-UW-S2WN Datasheet HTML 10Page - ams-OSRAM AG LE-UW-S2WN Datasheet HTML 11Page - ams-OSRAM AG LE-UW-S2WN Datasheet HTML 12Page - ams-OSRAM AG LE-UW-S2WN Datasheet HTML 13Page - ams-OSRAM AG LE-UW-S2WN Datasheet HTML 14Page - ams-OSRAM AG LE-UW-S2WN Datasheet HTML 15Page - ams-OSRAM AG LE-UW-S2WN Datasheet HTML 16Page - ams-OSRAM AG LE-UW-S2WN Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LE UW S2WN
DATASHEET
DATASHEET
13 | Version 1.3 | 2026-02-24
Reflow Soldering Profile
Product complies to MSL Level 2 acc. to JEDEC J-STD-020E
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
Tp
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
Profile Feature
Symbol
Pb-Free (SnAgCu) Assembly
Unit
Minimum
Recommendation
Maximum
Ramp-up rate to preheat*)
25 °C to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
60
100
120
s
Ramp-up rate to peak*)
T
Smax to TP
2
3
K/s
Liquidus temperature
T
L
217
°C
Time above liquidus temperature
t
L
80
100
s
Peak temperature
T
P
245
260
°C
Time within 5 °C of the specified peak
temperature T
P - 5 K
t
P
10
20
30
s
Ramp-down rate*
T
P to 100 °C
3
6
K/s
Time
25 °C to T
P
480
s
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation DT/Dt: Dt max. 5 s; fulfillment for the whole T-range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com