Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE UW S2WN-RASA-CQ Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # LE UW S2WN-RASA-CQ
Description  OSRAM OSTAR™ Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE UW S2WN-RASA-CQ Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button LE UW S2WN-RASA-CQ Datasheet HTML 5Page - ams-OSRAM AG LE UW S2WN-RASA-CQ Datasheet HTML 6Page - ams-OSRAM AG LE UW S2WN-RASA-CQ Datasheet HTML 7Page - ams-OSRAM AG LE UW S2WN-RASA-CQ Datasheet HTML 8Page - ams-OSRAM AG LE UW S2WN-RASA-CQ Datasheet HTML 9Page - ams-OSRAM AG LE UW S2WN-RASA-CQ Datasheet HTML 10Page - ams-OSRAM AG LE UW S2WN-RASA-CQ Datasheet HTML 11Page - ams-OSRAM AG LE UW S2WN-RASA-CQ Datasheet HTML 12Page - ams-OSRAM AG LE UW S2WN-RASA-CQ Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LE UW S2WN
DATASHEET
DATASHEET
9 | Version 1.3 | 2026-02-24
Forward Voltage 4)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 1000 mA; per Chip
LE UW S2WN
-40-20 020406080 100 120 140
Tj /°C
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF /V
Relative Luminous Flux 4)
Φ
v/Φv(25 °C) = f(Tj); IF = 1000 mA; per Chip
LE UW S2WN
-40-20 020406080 100 120 140
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
Chromaticity Coordinate Shift 4)
ΔCx, ΔCy = f(T
j); IF = 1000 mA; per Chip
LE UW S2WN
-40-20 020406080 100 120 140
Tj /°C
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com