Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-UW-S2WP Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # LE-UW-S2WP
Description  OSRAM OSTAR® Stage
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-UW-S2WP Datasheet(HTML) 4 Page - ams-OSRAM AG

  LE-UW-S2WP Datasheet HTML 1Page - ams-OSRAM AG LE-UW-S2WP Datasheet HTML 2Page - ams-OSRAM AG LE-UW-S2WP Datasheet HTML 3Page - ams-OSRAM AG LE-UW-S2WP Datasheet HTML 4Page - ams-OSRAM AG LE-UW-S2WP Datasheet HTML 5Page - ams-OSRAM AG LE-UW-S2WP Datasheet HTML 6Page - ams-OSRAM AG LE-UW-S2WP Datasheet HTML 7Page - ams-OSRAM AG LE-UW-S2WP Datasheet HTML 8Page - ams-OSRAM AG LE-UW-S2WP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LE UW S2WP
DATASHEET
DATASHEET
4 | Version 1.4 | 2023-08-22
Characteristics
I
F = 1400 mA; TS = 25 °C; per chip
Parameter
Symbol
Values
Chromaticity Coordinate 3)
Cx
Cy
typ.
typ.
0.321
0.327
Viewing angle at 50% I
V
2φ
typ.
130 °
Radiating surface
A
color
typ.
2.5 x 3.2 mm²
Partial Flux acc. CIE 127:2007 4)
I
F = 1400 mA
Φ
E/V, 120°
typ.
0.77
Forward Voltage 5)
I
F = 1400 mA; per Chip
V
F
min.
typ.
max.
2.80 V
2.95 V
3.50 V
Reverse voltage (ESD device)
V
R ESD
min.
45 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
Real thermal resistance junction/solderpoint 6)
R
thJS real
typ.
max.
0.70 K / W
0.80 K / W
Electrical thermal resistance junction/solderpoint 6)
with efficiency η
e = 29 %
R
thJS elec.
typ.
max.
0.50 K / W
0.57 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com