Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE UW S2WP-RBSB-BQ Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # LE UW S2WP-RBSB-BQ
Description  OSRAM OSTAR® Stage
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE UW S2WP-RBSB-BQ Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button LE UW S2WP-RBSB-BQ Datasheet HTML 13Page - ams-OSRAM AG LE UW S2WP-RBSB-BQ Datasheet HTML 14Page - ams-OSRAM AG LE UW S2WP-RBSB-BQ Datasheet HTML 15Page - ams-OSRAM AG LE UW S2WP-RBSB-BQ Datasheet HTML 16Page - ams-OSRAM AG LE UW S2WP-RBSB-BQ Datasheet HTML 17Page - ams-OSRAM AG LE UW S2WP-RBSB-BQ Datasheet HTML 18Page - ams-OSRAM AG LE UW S2WP-RBSB-BQ Datasheet HTML 19Page - ams-OSRAM AG LE UW S2WP-RBSB-BQ Datasheet HTML 20Page - ams-OSRAM AG LE UW S2WP-RBSB-BQ Datasheet HTML 21Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
LE UW S2WP
DATASHEET
DATASHEET
19 | Version 1.4 | 2023-08-22
Glossary
1)
Brightness: Brightness values are measured during a current pulse of typically 25 ms, with an internal
reproducibility of ±8 % and an expanded uncertainty of ±11 % (acc. to GUM with a coverage factor of
k = 3).
2)
Reverse Operation: This product is intended to be operated applying a forward current within the
specified range. Applying any continuous reverse bias or forward bias below the voltage range of light 
emission shall be avoided because it may cause migration which can change the electro-optical char-
acteristics or damage the LED.
3)
Chromaticity coordinate groups: Chromaticity coordinates are measured during a current pulse of
typically 25 ms, with an internal reproducibility of ±0.005 and an expanded uncertainty of ±0.01 (acc. to
GUM with a coverage factor of k = 3).
4)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures. 
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
5)
Forward Voltage: The forward voltage is measured during a current pulse of typically 8 ms, with an
internal reproducibility of ±0.05 V and an expanded uncertainty of ±0.1 V (acc. to GUM with a coverage
factor of k = 3).
6)
Thermal Resistance: Rth max is based on statistic values (6σ) used for Derating.
7)
Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ-
ences between single devices within one packing unit.
8)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and 
dimensions are specified in mm.
9)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com