Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-L29K Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LG-L29K
Description  SMARTLED™ 0603
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-L29K Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LG-L29K Datasheet HTML 2Page - ams-OSRAM AG LG-L29K Datasheet HTML 3Page - ams-OSRAM AG LG-L29K Datasheet HTML 4Page - ams-OSRAM AG LG-L29K Datasheet HTML 5Page - ams-OSRAM AG LG-L29K Datasheet HTML 6Page - ams-OSRAM AG LG-L29K Datasheet HTML 7Page - ams-OSRAM AG LG-L29K Datasheet HTML 8Page - ams-OSRAM AG LG-L29K Datasheet HTML 9Page - ams-OSRAM AG LG-L29K Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LG L29K
DATASHEET
DATASHEET
6 | Version 1.6 | 2025-09-03
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 2 mA
I
F = 2 mA
I
F = 2 mA
min.
max.
typ.
I
v
I
v
Φ
V
F2
1.4 mcd
1.8 mcd
6.4 mlm
G1
1.8 mcd
2.2 mcd
8.0 mlm
G2
2.2 mcd
2.8 mcd
10.0 mlm
H1
2.8 mcd
3.6 mcd
12.8 mlm
H2
3.6 mcd
4.5 mcd
16.2 mlm
J1
4.5 mcd
5.6 mcd
20.2 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 2 mA
I
F = 2 mA
min.
max.
λ
dom
λ
dom
2
566 nm
569 nm
3
569 nm
572 nm
4
572 nm
575 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com