Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-M67K Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LG-M67K
Description  Mini TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-M67K Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LG-M67K Datasheet HTML 2Page - ams-OSRAM AG LG-M67K Datasheet HTML 3Page - ams-OSRAM AG LG-M67K Datasheet HTML 4Page - ams-OSRAM AG LG-M67K Datasheet HTML 5Page - ams-OSRAM AG LG-M67K Datasheet HTML 6Page - ams-OSRAM AG LG-M67K Datasheet HTML 7Page - ams-OSRAM AG LG-M67K Datasheet HTML 8Page - ams-OSRAM AG LG-M67K Datasheet HTML 9Page - ams-OSRAM AG LG-M67K Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LG M67K
DATASHEET
DATASHEET
6 | Version 1.5 | 2024-11-22
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 2 mA
I
F = 2 mA
I
F = 2 mA
min.
max.
typ.
I
v
I
v
Φ
V
G1
1.80 mcd
2.24 mcd
6.10 mlm
G2
2.24 mcd
2.80 mcd
7.60 mlm
H1
2.80 mcd
3.55 mcd
9.50 mlm
H2
3.55 mcd
4.50 mcd
12.10 mlm
J1
4.50 mcd
5.60 mcd
15.10 mlm
J2
5.60 mcd
7.10 mcd
19.00 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 2 mA
I
F = 2 mA
min.
max.
λ
dom
λ
dom
2
566 nm
569 nm
3
569 nm
572 nm
4
572 nm
575 nm
Group Name on Label
Example: G1-2
Brightness
Wavelength
G1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com