Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG-R971 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LG-R971
Description  Chip LED 0805
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-R971 Datasheet(HTML) 5 Page - ams-OSRAM AG

  LG-R971 Datasheet HTML 1Page - ams-OSRAM AG LG-R971 Datasheet HTML 2Page - ams-OSRAM AG LG-R971 Datasheet HTML 3Page - ams-OSRAM AG LG-R971 Datasheet HTML 4Page - ams-OSRAM AG LG-R971 Datasheet HTML 5Page - ams-OSRAM AG LG-R971 Datasheet HTML 6Page - ams-OSRAM AG LG-R971 Datasheet HTML 7Page - ams-OSRAM AG LG-R971 Datasheet HTML 8Page - ams-OSRAM AG LG-R971 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LG R971
5 Version 1.3 | 2021-09-28
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
K
7.1 mcd
11.2 mcd
25.1 mlm
L
11.2 mcd
18.0 mcd
40.0 mlm
M
18.0 mcd
28.0 mcd
63.0 mlm
N
28.0 mcd
45.0 mcd
100.0 mlm
Group Name on Label
Example: K
Brightness
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com